Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT157MT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HCT157MT
Description  High-Speed CMOS Logic Quad 2-Input Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT157MT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CD74HCT157MT Datasheet HTML 2Page - Texas Instruments CD74HCT157MT Datasheet HTML 3Page - Texas Instruments CD74HCT157MT Datasheet HTML 4Page - Texas Instruments CD74HCT157MT Datasheet HTML 5Page - Texas Instruments CD74HCT157MT Datasheet HTML 6Page - Texas Instruments CD74HCT157MT Datasheet HTML 7Page - Texas Instruments CD74HCT157MT Datasheet HTML 8Page - Texas Instruments CD74HCT157MT Datasheet HTML 9Page - Texas Instruments CD74HCT157MT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54/74HC157, CD54/74HCT157, CD54/74HC158, CD54/74HCT158


Numéro de pièce similaire - CD74HCT157MT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT157MT TI-CD74HCT157MT Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HCT157MT TI-CD74HCT157MT Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HCT157MTE4 TI-CD74HCT157MTE4 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD74HCT157MTG4 TI-CD74HCT157MTG4 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
More results

Description similaire - CD74HCT157MT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
   High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC08 TI1-CD54HC08_16 Datasheet
611Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC08 TI1-CD54HC08_15 Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com