Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX585-C3V6 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BZX585-C3V6
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX585-C3V6 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BZX585-C3V6 Datasheet HTML 2Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 3Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 4Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 5Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 6Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 7Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 8Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 9Page - NXP Semiconductors BZX585-C3V6 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type BZX585-B/C27 to B/C75
Tamb =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a FR4 printed-circuit board with approximately 35 mm2 Cu area at cathode tab.
2. Solder point at cathode tab.
BZX585-
BorC
XXX
WORKING VOLTAGE
VZ (V)
at IZtest =2mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
(see figs 3 and 4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A) at tp = 100 µs
Tol.
± 2 % (B) Tol. ± 5 % (C) at I
Ztest = 0.5 mA
at IZtest =2mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
27
26.46
27.54
25.65
28.35
65
300
25
80
23.4
50
1.0
30
29.40
30.60
28.50
31.50
70
300
30
80
26.6
50
1.0
33
32.34
33.66
31.35
34.65
75
325
35
80
29.7
45
0.9
36
35.28
36.72
34.20
37.80
80
350
35
90
33.0
45
0.8
39
38.22
39.78
37.05
40.95
80
350
40
130
36.4
45
0.7
43
42.14
43.86
40.85
45.15
85
375
45
150
41.2
40
0.6
47
46.06
47.94
44.65
49.35
85
375
50
170
46.1
40
0.5
51
49.98
52.02
48.45
53.55
90
400
60
180
51.0
40
0.4
56
54.88
57.12
53.20
58.80
100
425
70
200
57.0
40
0.3
62
60.76
63.24
58.90
65.10
120
450
80
215
64.4
35
0.3
68
66.64
69.36
64.60
71.40
150
475
90
240
71.7
35
0.25
75
73.50
76.50
71.25
78.75
170
500
95
255
80.2
35
0.2
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
350
K/W
Rth(j-s)
thermal resistance from junction to solder point
note 2
65
K/W


Numéro de pièce similaire - BZX585-C3V6

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX585-C3V6 NXP-BZX585-C3V6 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
logo
Nexperia B.V. All right...
BZX585-C3V6 NEXPERIA-BZX585-C3V6 Datasheet
307Kb / 13P
   Voltage regulator diodes
Rev. 6 - 4 December 2020
BZX585-C3V6 NEXPERIA-BZX585-C3V6 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
More results

Description similaire - BZX585-C3V6

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com