Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC112E Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC112E
Description  Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC112E Fiches technique(HTML) 2 Page - Texas Instruments

  CD74HC112E Datasheet HTML 1Page - Texas Instruments CD74HC112E Datasheet HTML 2Page - Texas Instruments CD74HC112E Datasheet HTML 3Page - Texas Instruments CD74HC112E Datasheet HTML 4Page - Texas Instruments CD74HC112E Datasheet HTML 5Page - Texas Instruments CD74HC112E Datasheet HTML 6Page - Texas Instruments CD74HC112E Datasheet HTML 7Page - Texas Instruments CD74HC112E Datasheet HTML 8Page - Texas Instruments CD74HC112E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
S
R
CP
J
K
Q
Q
LH
X
X
X
H
L
H
L
XXX
L
H
L
L
X
X
X
H (Note 1)
H (Note 1)
H
H
L
L
No Change
H
H
HLHL
HH
LHLH
HH
H
H
Toggle
H
H
H
X
X
No Change
H= High Level (Steady State)
L= Low Level (Steady State)
X= Don’t Care
↓= High-to-Low Transition
NOTE:
1. Output states unpredictable if both S and R go High simultaneously after both being low at the same time.
1S
2S
2R
4
10
5
6
1Q
1Q
14
15
1R
2K
12
13
9
7
2Q
2Q
2CP
F/F 1
F/F 2
GND = 8
VCC = 16
2J
11
1K
2
1
1CP
1J
3
CD54HC112, CD74HC112, CD54HCT112, CD74HCT112


Numéro de pièce similaire - CD74HC112E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC112E TI-CD74HC112E Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HC112E TI-CD74HC112E Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HC112E TI-CD74HC112E Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HC112E TI1-CD74HC112E Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD74HC112E TI1-CD74HC112E Datasheet
1Mb / 29P
[Old version datasheet]   CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
REVISED OCTOBER 2022
More results

Description similaire - CD74HC112E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_08 Datasheet
452Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107_08 Datasheet
451Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73 Datasheet
266Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI1-CD54HC107_16 Datasheet
624Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC73 TI-CD54HC73_07 Datasheet
422Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
CD54HC107 TI-CD54HC107 Datasheet
266Kb / 11P
[Old version datasheet]   Dual J-K Flip-Flop with Reset Negative-Edge Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com