Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54060-EP Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54060-EP
Description  0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060-EP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS54060-EP Datasheet HTML 7Page - Texas Instruments TPS54060-EP Datasheet HTML 8Page - Texas Instruments TPS54060-EP Datasheet HTML 9Page - Texas Instruments TPS54060-EP Datasheet HTML 10Page - Texas Instruments TPS54060-EP Datasheet HTML 11Page - Texas Instruments TPS54060-EP Datasheet HTML 12Page - Texas Instruments TPS54060-EP Datasheet HTML 13Page - Texas Instruments TPS54060-EP Datasheet HTML 14Page - Texas Instruments TPS54060-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TPS54060-EP
www.ti.com
SLVSCF8 – JULY 2014
8 Detailed Description
8.1 Overview
The TPS54060 device is a 60-V, 0.5-A, step-down (buck) regulator with an integrated high-side N-channel
MOSFET. To improve performance during line and load transients, the device implements a constant frequency,
current mode control, which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency of 100 to 2500 kHz allows for efficiency and size optimization when selecting the
output filter components. The switching frequency is adjusted using a resistor to ground on the RT/CLK pin. The
device has an internal phase lock loop (PLL) on the RT/CLK pin that is used to synchronize the power switch
turn on to a falling edge of an external system clock.
The TPS54060 has a default start-up voltage of approximately 2.5 V. The EN pin has an internal pullup current
source that can be used to adjust the input voltage UVLO threshold with two external resistors. In addition, the
pullup current provides a default condition. When the EN pin is floating, the device will operate. The operating
current is 116
μA when not switching and under no load. When the device is disabled, the supply current is
1.3
μA.
The integrated 200-m
Ω high-side MOSFET allows for high-efficiency power supply designs capable of delivering
0.5 A of continuous current to a load. The TPS54060 reduces the external component count by integrating the
boot recharge diode. The bias voltage for the integrated high-side MOSFET is supplied by a capacitor on the
BOOT to PH pin. The boot capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET
off when the boot voltage falls below a preset threshold. The TPS54060 can operate at high duty cycles because
of the boot UVLO. The output voltage can be stepped down to as low as the 0.8-V reference.
The TPS54060 has a power good comparator (PWRGD), which asserts when the regulated output voltage is
less than 92% or greater than 109% of the nominal output voltage. The PWRGD pin is an open-drain output
which deasserts when the VSENSE pin voltage is between 94% and 107% of the nominal output voltage,
allowing the pin to transition high when a pullup resistor is used.
The TPS54060 minimizes excessive output overvoltage (OV) transients by taking advantage of the OV power
good comparator. When the OV comparator is activated, the high-side MOSFET is turned off and masked from
turning on until the output voltage is lower than 107%.
The SS/TR (slow start/tracking) pin is used to minimize inrush currents or provide power supply sequencing
during power up. A small value capacitor should be coupled to the pin to adjust the slow start time. A resistor
divider can be coupled to the pin for critical power supply sequencing requirements. The SS/TR pin is discharged
before the output powers up. This discharging ensures a repeatable restart after an overtemperature fault, UVLO
fault, or a disabled condition.
The TPS54060, also, discharges the slow-start capacitor during overload conditions with an overload recovery
circuit. The overload recovery circuit will slow start the output from the fault voltage to the nominal regulation
voltage after a fault condition is removed. A frequency foldback circuit reduces the switching frequency during
startup and overcurrent fault conditions to help control the inductor current.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


Numéro de pièce similaire - TPS54060-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results

Description similaire - TPS54060-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com