Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS544C25 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS544C25
Description  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C25 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS544C25 Datasheet HTML 3Page - Texas Instruments TPS544C25 Datasheet HTML 4Page - Texas Instruments TPS544C25 Datasheet HTML 5Page - Texas Instruments TPS544C25 Datasheet HTML 6Page - Texas Instruments TPS544C25 Datasheet HTML 7Page - Texas Instruments TPS544C25 Datasheet HTML 8Page - Texas Instruments TPS544C25 Datasheet HTML 9Page - Texas Instruments TPS544C25 Datasheet HTML 10Page - Texas Instruments TPS544C25 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
7
TPS544C25, TPS544B25
www.ti.com
SLUSC81 – MAY 2015
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Specified by design. Not production tested.
(2)
The parameter covers 4.5 V to 18 V of VDD.
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VVIN = VVDD= 12 V, RRT = 40.2 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVDD
Input supply voltage range
4.5
18
V
VVIN
Power stage voltage range
4.5
18
IVDD
Input operating current
Not switching
9.5
12
mA
UVLO
VIN_ON
Input turn on voltage
Factory default setting
4.5
V
Programmable range, 15 different settings
4.25
7.75
Accuracy
–5%
5%
VIN_OFF
Input turn off voltage
Factory default setting
4
V
Programmable range, 15 different settings
4
7.5
Accuracy
–5%
5%
ERROR AMPLIFIER AND FEEDBACK VOLTAGE
VFB
Feedback pin voltage
Default setting
940.5
950
959.5
mV
Setpoint range(1)
0.5
1.5
V
VFB(ACC)
Feedback pin voltage
accuracy
VFB = 600 mV, 0°C ≤ TJ ≤ 85°C
(2)
–0.5%
0.5%
%
0.6 V
≤ VFB ≤ 1.5 V
(1)
–1.0%
1.0%
0.5 V
≤ VFB < 0.6 V
(1)
–1.5%
1.5%
AOL
Open-loop gain(1)
80
dB
GBWP
Gain bandwidth product(1)
15
MHz
IFB
FB pin input bias current
VFB = 0.95 V
–75
75
nA
ICOMP
Sourcing
VFB = 0 V
1
mA
Sinking
VFB = 1.2 V
1
VSET
IVset
VSET pin current
9.5
10.5
12
µA
VVset
Initial VOUT setting
RVset = 34.8 kΩ
950
mV
VVset(dis)
VSET disable threshold
2.41
V
OSCILLATOR
FSW
Adjustment range(2)
200
1000
kHz
Switching frequency
RRT = 40.2 kΩ
425
500
575
kHz
VRMP
Ramp peak-to-peak(1)
VVDD/9.3
VVDD/8.5
VVDD/7.6
V
VVLY
Valley voltage(1)
0.75
SYNCHRONIZATION
VIH(sync)
High-level input voltage
2.0
V
VIL(sync)
Low-level input voltage
0.80
Tpw(sync)
Sync input minimum pulse
width
100
ns
fSYNC
Synchronization frequency
200
1200
kHz
ΔfSYNC
SYNC pin frequency range
from free running frequency(1)
-20%
20%
RESET_B
VIH(reset)
High-level input voltage(1)
3.3-V and 5-V logic
2.1
V
1.8-V logic (factory default)
1.2
VIL(reset)
Low-level input voltage
3.3-V and 5-V logic
0.8
1.8-V logic (factory default)
0.5
tPW(reset)
Minimum RESET_B pulse
width
RVSET = 34.8 kΩ
200
ns
Vvout_command(reset)
Output voltage after reset
triggered
RVSET = 34.8 kΩ
950
mV


Numéro de pièce similaire - TPS544C25

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFT TI1-TPS544C20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Description similaire - TPS544C25

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com