Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51125RGER Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51125RGER
Description  Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51125RGER Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS51125RGER Datasheet HTML 4Page - Texas Instruments TPS51125RGER Datasheet HTML 5Page - Texas Instruments TPS51125RGER Datasheet HTML 6Page - Texas Instruments TPS51125RGER Datasheet HTML 7Page - Texas Instruments TPS51125RGER Datasheet HTML 8Page - Texas Instruments TPS51125RGER Datasheet HTML 9Page - Texas Instruments TPS51125RGER Datasheet HTML 10Page - Texas Instruments TPS51125RGER Datasheet HTML 11Page - Texas Instruments TPS51125RGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS51125
SLUS786H – OCTOBER 2007 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT DISCHARGE
IDischg
VOUT discharge current
ENTRIPx = 0 V, VOx = 0.5 V
10
60
mA
OUTPUT DRIVERS
Source, VBSTx - DRVHx = 100 mV
4
8
RDRVH
DRVH resistance
Sink, VDRVHx - LLx = 100 mV
1.5
4
Source, VVREG5 - DRVLx = 100 mV
4
8
RDRVL
DRVL resistance
Sink, VDRVLx = 100 mV
1.5
4
DRVHx-off to DRVLx-on
10
tD
Dead time
ns
DRVLx-off to DRVHx-on
30
CLOCK OUTPUT
VCLKH
High level voltage
IVCLK = -10 mA, VO1 = 5 V, TA = 25 °C
4.84
4.92
V
VCLKL
Low level voltage
IVCLK = 10 mA, VO1 = 5 V, TA = 25 °C
0.06
0.12
fCLK
Clock frequency
TA = 25 °C
175
270
325
kHz
INTERNAL BST DIODE
VFBST
Forward voltage
VVREG5-VBSTx, IF = 10 mA, TA = 25 °C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBSTx = 34 V, LLx = 28 V, TA = 25 °C
0.1
1
μA
DUTY AND FREQUENCY CONTROL
tON11
CH1 on time 1
VIN = 12 V, VO1 = 5 V, 200 kHz setting
2080
tON12
CH1 on time 2
VIN = 12 V, VO1 = 5 V, 245 kHz setting
1700
tON13
CH1 on time 3
VIN = 12 V, VO1 = 5 V, 300 kHz setting
1390
tON14
CH1 on time 4
VIN = 12 V, VO1 = 5 V, 365 kHz setting
1140
tON21
CH2 on time 1
VIN = 12 V, VO2 = 3.3 V, 250 kHz setting
1100
ns
tON22
CH2 on time 2
VIN = 12 V, VO2 = 3.3 V, 305 kHz setting
900
tON23
CH2 on time 3
VIN = 12 V, VO2 = 3.3 V, 375 kHz setting
730
tON24
CH2 on time 4
VIN = 12 V, VO2 = 3.3 V, 460 kHz setting
600
tON(min)
Minimum on time
TA = 25 °C
80
tOFF(min)
Minimum off time
TA = 25 °C
300
SOFT-START
tSS
Internal SS time
Internal soft start
1.1
1.6
2.1
ms
POWERGOOD
PG in from lower
92.50%
95%
97.50%
VTHPG
PG threshold
PG in from higher
102.50%
105%
107.50%
PG hysteresis
2.50%
5%
7.50%
IPGMAX
PG sink current
PGOOD = 0.5 V
5
12
mA
tPGDEL
PG delay
Delay for PG in
350
510
670
μs
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS51125


Numéro de pièce similaire - TPS51125RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51125RGER TI-TPS51125RGER Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Description similaire - TPS51125RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com