Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5120 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS5120
Description  DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5120 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS5120_16 Datasheet HTML 6Page - Texas Instruments TPS5120_16 Datasheet HTML 7Page - Texas Instruments TPS5120_16 Datasheet HTML 8Page - Texas Instruments TPS5120_16 Datasheet HTML 9Page - Texas Instruments TPS5120_16 Datasheet HTML 10Page - Texas Instruments TPS5120_16 Datasheet HTML 11Page - Texas Instruments TPS5120_16 Datasheet HTML 12Page - Texas Instruments TPS5120_16 Datasheet HTML 13Page - Texas Instruments TPS5120_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended free-air temperature range, VCC = 7 V (unless
otherwise noted) (continued)
5-V regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IO = 0 mA to 50 mA,
TA = 25°C
VCC = 5.5 V to 28 V,
4.8
5.2
V
R(egin)
Line regulation
VCC = 5.5 V to 28 V,
I =10 mA
20
mV
R(egl)
Load regulation
I = 1 mA to 10 mA,
VCC = 5.5 V
40
mV
IOS
Short circuit output current
5VREG = 0 V,
TA = 25°C
65
mA
V(TO_H)
UVLO threshold voltage
5V OUT voltage
3.6
4.2
V
V(TO_L)
UVLO threshold voltage
5V_OUT voltage
3.5
4.1
V
Vhys
Hysteresis
5V_OUT voltage
30
150
mV
output drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT_u sink current
VO = 3 V
1.2
A
OUT_u source current
VO = 2 V
–1.5
A
OUT_d sink current
VO = 3 V
1.5
A
OUT_d source current
VO = 2 V
–1.5
A
I(TRIP)
TRIP pin current
TA = 25°C
11.5
13
14.5
µA
soft start
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SOFT)
Soft start current
1.6
2.3
2.9
µA
V(TO_H)
Threshold voltage (SKIP mode)
3.7
V
V(TO_L)
Threshold voltage (SKIP mode)
2.5
V
output voltage monitor
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVP comparator threshold
0.91
0.95
0.99
V
UVP comparator threshold
0.64
0.68
0.72
V
PG comparator 1, 2 threshold
0.75
0.78
0.81
V
PG comparator 3, 4 threshold
0.88
0.91
0.94
V
PG propagation dela from INV to POWERGOOD
Turnon
13
s
PG propagation delay from INV to POWERGOOD
Turnoff
1.2
µs
Timer latch current source
UVP protection
1.5
2.3
3.1
A
Timer latch current source
OVP protection
8
11.5
15
µA
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
TA = 25°C, CT = 0 V, INV = 0 V
1.1
1.5
mA
ICC(S)
Shutdown current
STBY 1, STBY2, 5V_STBY = 0 V
0.001
10
µA


Numéro de pièce similaire - TPS5120_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results

Description similaire - TPS5120_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com