Moteur de recherche de fiches techniques de composants électroniques |
|
STK11C68-5K55M Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
STK11C68-5K55M Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 10 page STK11C68-M 4-38 The STK11C68-M has two separate modes of opera- tion: SRAM mode and nonvolatile mode. In SRAM mode, the memory operates as an ordinary static RAM. In nonvolatile operation, data is transferred from SRAM to EEPROM or from EEPROM to SRAM. In this mode SRAM functions are disabled. SRAM READ The STK11C68-M performs a READ cycle whenever E and G are LOW while W is HIGH. The address specified on pins A0-12 determines which of the 8192 data bytes will be accessed. When the READ is initiated by an address transition, the outputs will be valid after a delay of tAVQV (READ CYCLE #1). If the READ is initiated by E or G, the outputs will be valid at tELQV or at tGLQV, whichever is later (READ CYCLE #2). The data outputs will repeatedly respond to address changes within the tAVQV access time without the need for transitions on any control input pins, and will remain valid until another address change or until E or G is brought HIGH or W is brought LOW. The STK11C68-M is a high speed memory and there- fore must have a high frequency bypass capacitor of approximately 0.1 µF connected between DUT VCC and VSS using leads and traces that are as short as possible. As with all high speed CMOS ICs, normal careful routing of power, ground and signals will help prevent noise problems. SRAM WRITE A write cycle is performed whenever E and W are LOW. The address inputs must be stable prior to entering the WRITE cycle and must remain stable until either E or W go HIGH at the end of the cycle. The data on pins DQ0-7 will be written into the memory if it is valid tDVWH before the end of a W controlled WRITE or tDVEH before the end of an E controlled WRITE. It is recommended that G be kept HIGH during the entire WRITE cycle to avoid data bus contention on common I/O lines. If G is left LOW, internal circuitry will turn off the output buffers tWLQZ after W goes LOW. NONVOLATILE STORE The STK11C68-M STORE cycle is initiated by execut- ing sequential READ cycles from six specific address locations. By relying on READ cycles only, the STK11C68-M implements nonvolatile operation while remaining pin-for-pin compatible with standard 8Kx8 SRAMs. During the STORE cycle, an erase of the previous nonvolatile data is first performed, followed by a program of the nonvolatile elements. The pro- gram operation copies the SRAM data into nonvolatile elements. Once a STORE cycle is initiated, further input and output are disabled until the cycle is com- pleted. Because a sequence of reads from specific addresses is used for STORE initiation, it is important that no other read or write accesses intervene in the sequence or the sequence will be aborted and no STORE or RECALL will take place. To initiate the STORE cycle the following READ se- quence must be performed: 1. Read address 0000 (hex) Valid READ 2. Read address 1555 (hex) Valid READ 3. Read address 0AAA (hex) Valid READ 4. Read address 1FFF (hex) Valid READ 5. Read address 10F0 (hex) Valid READ 6. Read address 0F0F (hex) Initiate STORE Cycle Once the sixth address in the sequence has been entered, the STORE cycle will commence and the chip will be disabled. It is important that READ cycles and not WRITE cycles be used in the sequence, although it is not necessary that G be LOW for the sequence to be valid. After the tSTORE cycle time has been fulfilled, the SRAM will again be activated for READ and WRITE operation. HARDWARE PROTECT The STK11C68-M offers hardware protection against inadvertent STORE cycles through VCC Sense. A STORE cycle will not be initiated, and one in progress will discontinue, if VCC goes below 4.0V. 4.0V is a typical, characterized value. The datasheet specifica- tions are guaranteed only for VCC = 5.0 +10%. NONVOLATILE RECALL A RECALL cycle of the EEPROM data into the SRAM is initiated with a sequence of READ operations in a manner similar to the STORE initiation. To initiate the RECALL cycle the following sequence of READ op- erations must be performed: 1. Read address 0000 (hex) Valid READ 2. Read address 1555 (hex) Valid READ 3. Read address 0AAA (hex) Valid READ 4. Read address 1FFF (hex) Valid READ 5. Read address 10F0 (hex) Valid READ 6. Read address 0F0E (hex) Initiate RECALL Cycle DEVICE OPERATION |
Numéro de pièce similaire - STK11C68-5K55M |
|
Description similaire - STK11C68-5K55M |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |