Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST49C101ACF8-07 Fiches technique(PDF) 5 Page - Exar Corporation

No de pièce ST49C101ACF8-07
Description  High Frequency Clock Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST49C101ACF8-07 Fiches technique(HTML) 5 Page - Exar Corporation

  ST49C101ACF8-07 Datasheet HTML 1Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 2Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 3Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 4Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 5Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 6Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 7Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 8Page - Exar Corporation ST49C101ACF8-07 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST49C101A-XX
5
Rev. 2.20
XTAL1
XTAL2
AGND DGND
CLOCK
OE
U1
ST49C101A-XX
C1
C2
Y1
DGND
AGND
AGND
DGND
CLOCK= Xtal Freq. x Option
1
8
34
76
5
2
Parallel Cut
Fundamental
Resonance
20-30pF Load
Crystal
0.01uF
0.01uF
DVCC
DVCC
AVCC
DVCC
AVCC
Figure 2. High Frequency Crystal Oscillator Using a Crystal for Reference.
CLKin
XTAL1
XTAL2
CLOCK
OE
C2
U1
ST49C101A-XX
CLOCK = CLKin x Option
AGND
DGND
1
8
34
76
5
2
0.01uF
DVCC
AVCC
DVCC
AGND
DGND
AGND
DGND
DVCC
AVCC
C1
0.01uF
Figure 3. High Frequency Clock Rate Multiplication Using External Clock.


Numéro de pièce similaire - ST49C101ACF8-07

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
ST49C107ACF14-04 EXAR-ST49C107ACF14-04 Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
More results

Description similaire - ST49C101ACF8-07

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com