Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS4333x-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS4333x-Q1
Description  Low IQ, Single Boost, Dual Synchronous Buck Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS4333x-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS4333x-Q1 Datasheet HTML 5Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 6Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 7Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 8Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 9Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 10Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 11Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 12Page - Texas Instruments TPS4333x-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TPS43330-Q1, TPS43332-Q1
www.ti.com
SLVSA82F – MARCH 2011 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
VIN = 8 V to 18 V, TJ = –40°C to 150°C (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Boost-enable threshold
Boost VOUT = 11 V, VBAT falling
11.5
12
12.5
4.6
Vboost11V-th
Boost-disable threshold
Boost VOUT = 11 V, VBAT rising
12
12.5
13
V
Boost hysteresis
Boost VOUT = 11 V, VBAT rising or falling
0.4
0.5
0.6
BOOST-SWITCH CURRENT LIMIT
4.7
VDS
Current-limit sensing
DS input with respect to PGNDA
0.175
0.2
0.225
V
4.8
tDS
Leading-edge blanking
200
ns
GATE DRIVER FOR BOOST CONTROLLER
4.9
IGC1 Peak
Gate-driver peak current
1.5
A
4.10
rDS(on)
Source and sink driver
VREG = 5.8 V, IGC1 current = 200 mA
2
Ω
GATE DRIVER FOR PMOS
4.11
rDS(on)
PMOS OFF
10
20
Ω
4.12
IPMOS_ON
Gate current
VIN = 13.5 V, VGS = –5 V
10
mA
4.13
tdelay_ON
Turnon delay
C = 10 nF
5
10
µs
BOOST-CONTROLLER SWITCHING FREQUENCY
fSW_Buck
4.14
fsw-Boost
Boost switching frequency
kHz
/ 2
4.15
DBoost
Boost duty cycle
90%
ERROR AMPLIFIER (OTA) FOR BOOST CONVERTERS
VBAT = 12 V
0.8
1.35
4.16
GmBOOST
Forward transconductance
mS
VBAT = 5 V
0.35
0.65
5.0
BUCK CONTROLLERS
VBuckA or
Adjustable output-voltage
5.1
0.9
11
V
VBuckB
range
Internal reference and
Measure FBX pin
0.792
0.8
0.808
V
5.2
Vref, NRM
tolerance voltage in normal
–1%
1%
mode
Internal reference and
Measure FBX pin
0.784
0.8
0.816
V
5.3
Vref, LPM
tolerance voltage in low-power
–2%
2%
mode
V sense for forward-current
5.4
FBx = 0.75 V (low duty cycle)
60
75
90
mV
limit in CCM
Vsense
V sense for reverse-current
5.5
FBx = 1 V
–65
–37.5
–23
mV
limit in CCM
5.6
VI-Foldback
V sense for output short
FBx = 0 V
17
32.5
48
mV
Shoot-through delay, blanking
5.7
tdead
20
ns
time
High-side minimum on-time
100
ns
5.8
DCNRM
Maximum duty cycle (digitally
98.75%
controlled)
5.9
DCLPM
Duty cycle, LPM
80%
LPM entry-threshold load
ILPM_Entry
current as fraction of
1%
.See (3)
maximum set load current
5.10
LPM exit-threshold load
ILPM_Exit
current as fraction of
See (3)
10%
maximum set load current
HIGH-SIDE EXTERNAL NMOS GATE DRIVERS FOR BUCK CONTROLLER
5.11
IGX1_peak
Gate-driver peak current
1.5
A
5.12
rDS(on)
Source and sink driver
VREG = 5.8 V, IGX1 current = 200 mA
2
Ω
(3)
The exit threshold specification is to be always higher than the entry threshold.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS43330-Q1 TPS43332-Q1


Numéro de pièce similaire - TPS4333x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330AQDAPRQ1 TI1-TPS43330AQDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330QDAPRQ1 TI1-TPS43330QDAPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43331-Q1 TI1-TPS43331-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   DUAL SWITCHER AND LINEAR REGULATORS
More results

Description similaire - TPS4333x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com