Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43330A-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS43330A-Q1
Description  Low IQ, Single-Boost Dual Synchronous Buck Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43330A-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS43330A-Q1 Datasheet HTML 7Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 8Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 9Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 10Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 11Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 12Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 13Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 14Page - Texas Instruments TPS43330A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
TPS43330A-Q1
www.ti.com
SLVSC16B – AUGUST 2013 – REVISED JULY 2016
Product Folder Links: TPS43330A-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING PARAMETER – BUCK DC-DC CONTROLLERS
fSW_Buck
Buck switching frequency
RT
GND
360
400
440
kHz
60-kΩ external
resistor
fSW_adj
Buck adjustable range with
external resistor
RT pin: external resistor
150
600
kHz
fSYNC
Buck synchronization range
External clock input
150
600
kHz


Numéro de pièce similaire - TPS43330A-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330QDAPRQ1 TI1-TPS43330QDAPRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43330QDAPRQ1 TI1-TPS43330QDAPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
More results

Description similaire - TPS43330A-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
[Old version datasheet]   Low IQ, Single Boost, Dual Synchronous Buck Controller
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43337-Q1 TI1-TPS43337-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW IQ, SINGLE-BOOST, FIXED-VOLTAGE DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com