Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40211 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40211
Description  4.5-V to 52-V Input Current Mode Boost Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40211 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS40211 Datasheet HTML 2Page - Texas Instruments TPS40211 Datasheet HTML 3Page - Texas Instruments TPS40211 Datasheet HTML 4Page - Texas Instruments TPS40211 Datasheet HTML 5Page - Texas Instruments TPS40211 Datasheet HTML 6Page - Texas Instruments TPS40211 Datasheet HTML 7Page - Texas Instruments TPS40211 Datasheet HTML 8Page - Texas Instruments TPS40211 Datasheet HTML 9Page - Texas Instruments TPS40211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
-0.8
-0.4
0.4
-40
-0.6
0.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.0
-0.2
12 V
4.5 V
52 V
V
VDD
52 V
4.5 V
12 V
-0.5
-0.3
0.5
0
-0.4
0.4
V
VDD – Input Voltage – V
10
30
20
60
50
40
0.1
0.0
0.2
-0.1
-0.2
0.3
0
0.4
1.4
-40
0.2
1.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.8
0.6
1.0
52 V
4.5 V
12 V
12 V
4.5 V
52 V
V
VDD
0
6
-40
1
5
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
3
2
4
0
400
800
1200
100
200
600
1000
RT - Timing Resistance - kW
300
CT(pF)
470
220
100
68
33
470 pF
220 pF
100pF
68 pF
33pF
200
400
600
500
800
1000
900
700
0
400
800
1200
0
200
600
1000
D - Duty Cycle
0.2
0.4
0.8
1.2
0.6
1.0
6
TPS40210, TPS40211
SLUS772F – MARCH 2008 – REVISED MARCH 2015
www.ti.com
Product Folder Links: TPS40210 TPS40211
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. Frequency vs Timing Resistance
Figure 2. Switching Frequency vs Duty Cycle
Figure 3. Quiescent Current vs Junction Temperature
Figure 4. Shutdown Current vs Junction Temperature
Figure 5. Reference Voltage Change vs Junction
Temperature
Figure 6. Reference Voltage Change vs Input Voltage


Numéro de pièce similaire - TPS40211

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40211 TI-TPS40211 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211 TI-TPS40211 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211 TI-TPS40211 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40211-Q1 TI-TPS40211-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Description similaire - TPS40211

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com