Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40120PWG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS40120PWG4
Description  VRM10.0 COMPLIANT PROGRAMMABLE FEEDBACK DIVIDER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40120PWG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS40120PWG4 Datasheet HTML 1Page - Texas Instruments TPS40120PWG4 Datasheet HTML 2Page - Texas Instruments TPS40120PWG4 Datasheet HTML 3Page - Texas Instruments TPS40120PWG4 Datasheet HTML 4Page - Texas Instruments TPS40120PWG4 Datasheet HTML 5Page - Texas Instruments TPS40120PWG4 Datasheet HTML 6Page - Texas Instruments TPS40120PWG4 Datasheet HTML 7Page - Texas Instruments TPS40120PWG4 Datasheet HTML 8Page - Texas Instruments TPS40120PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
13
12
11
9
GNDS
DIFFO
VOUT
REF
10
7
8
COMP
FB
DROOP
R3
C1
+
+
700 mV
Error Amplifier
Differential
Amplifier
15
SS
22
BP5
8
1
2
3
14
9
10
12
VCC
FB
BIAS
VOUT
VID5
VID0
VID1
4
5
6
VID2
VID3
VID4
13
TPS40120
TPS40090
+
Drivers
Enable
7
GND
NCPU1
NCPU2
RZCO
RDROOP
CSS
IDROOP
TPS40120
SLUS616B–JULY 2004–REVISED AUGUST 2004
VRM10.0 COMPLIANT PROGRAMMABLE FEEDBACK DIVIDER
VRM 10.x VID Code Table
The TPS40120 is a 6-bit digitally programmed
feedback divider designed to work with TPS40090
14-Pin TSSOP
multiphase controller or other controllers having 0.7-V
internal reference to support VRM 10.x compliant
power supplies. The TPS40120 is designed to sup-
Voltage Regulator Modules VRM/EVRD 10.x
port discrete DC/DC converters for Intel® processors
Multiphase Processor Power Supplies
using 5-bit (Pentium® 4 or Xeon™) or 6-bit VID codes
with 12.5 mV steps.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS40120PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40120PW TI-TPS40120PW Datasheet
232Kb / 1P
[Old version datasheet]   VRM10.0 COMPLIANT PROGRAMMABLE FEEDBACK DIVIDER
More results

Description similaire - TPS40120PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40120 TI-TPS40120 Datasheet
232Kb / 1P
[Old version datasheet]   VRM10.0 COMPLIANT PROGRAMMABLE FEEDBACK DIVIDER
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
   Programmable Divider/Timer
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
   Programmable Frequency Divider/Digital Timer
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680 Datasheet
736Kb / 52P
   JESD204B Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
   JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com