Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS4H160-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS4H160-Q1
Description  40-V, 160-m廓 Quad-Channel Smart High-Side Switch
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS4H160-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS4H160-Q1 Datasheet HTML 5Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 6Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 7Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 8Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 9Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 10Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 11Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 12Page - Texas Instruments TPS4H160-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
t
CS(on2)
t
CS(off1)
t
CS(off2)
t
CS(on1)
V
INx
I
OUTx
V
DIAG_EN
V
CS
V
INx
V
OUTx
t
d(on)
t
d(off)
t
d(rise)
t
d(fall)
10%
90%
10%
90%
dV/dt(on)
dV/dt(off)
9
TPS4H160-Q1
www.ti.com
SLVSCV8A – DECEMBER 2015 – REVISED APRIL 2016
Product Folder Links: TPS4H160-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Value specified by design, not subject to production test
7.6 Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Delay time, VOUTx 10% after VINx↑ (See
Figure 1.)
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A, IN rising
edge to 10% of VOUTx
20
50
90
µs
td(off)
Delay time, VOUTx 90% after VINx↓ (See
Figure 1.)
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A, IN falling
edge to 90% of VOUTx
20
50
90
µs
dV/dt(on)
Turnon slew rate
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A, VOUTx from
10% to 90%
0.1
0.3
0.55
V/µs
dV/dt(off)
Turnoff slew rate
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A, VOUTx from
90% to 10%
0.1
0.3
0.55
V/µs
td(match)
td(rise) – td(fall) (See Figure 1.)
VVS = 13.5 V, IL = 0.5A. td, rise is the IN rising edge to
VOUTx = 90%.
td(fall) is the IN falling edge to VOUTx = 10%.
–50
50
µs
CURRENT-SENSE CHARACTERISTICS (See Figure 2.)
tCS(off1)
CS settling time from DIAG_EN disabled(1)
VVS = 13.5 V, VINx = 5 V, IOUTx = 0.5 A. current limit = 2 A.
DIAG_EN falling edge to 10% of VCS.
20
µs
tCS(on1)
CS settling time from DIAG_EN enabled(1)
VVS = 13.5 V, VINx = 5 V, IOUTx = 0.5 A. current limit is 2
A. DIAG_EN rising edge to 90% of VCS.
20
µs
tCS(off2)
CS settling time from IN falling edge
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A. current limit =
2 A. IN falling edge to 10% of VCS
30
100
µs
tCS(on2)
CS settling time from IN rising edge
VVS = 13.5 V, VDIAG_EN = 5 V, IOUTx = 0.5 A. current limit =
2 A. IN rising edge to 90% of VCS
50
150
µs
tSEx
Multi-sense transition delay from channel to
channel
VDIAG_EN = 5 V, current sense output delay when multi-
sense pins SEL and SEH transition from channel to
channel
50
µs
Figure 1. Output Delay Characteristics
Figure 2. CS Delay Characteristics


Numéro de pièce similaire - TPS4H160-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
TPS4H000AQPWPRQ1 TI1-TPS4H000AQPWPRQ1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
TPS4H000BQPWPRQ1 TI1-TPS4H000BQPWPRQ1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
More results

Description similaire - TPS4H160-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS274160 TI1-TPS274160 Datasheet
1Mb / 36P
[Old version datasheet]   TPS274160x 40-V, 160-m廓 Quad-Channel Industrial Smart High-Side Switch
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
[Old version datasheet]   40-V, 35-m廓 Single-Channel Smart High-Side Switch
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
[Old version datasheet]   40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1 Datasheet
527Kb / 38P
[Old version datasheet]   40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1_19 Datasheet
542Kb / 42P
[Old version datasheet]   40-V, 16-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com