Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40001DGQ Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40001DGQ
Description  LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40001DGQ Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS40001DGQ Datasheet HTML 4Page - Texas Instruments TPS40001DGQ Datasheet HTML 5Page - Texas Instruments TPS40001DGQ Datasheet HTML 6Page - Texas Instruments TPS40001DGQ Datasheet HTML 7Page - Texas Instruments TPS40001DGQ Datasheet HTML 8Page - Texas Instruments TPS40001DGQ Datasheet HTML 9Page - Texas Instruments TPS40001DGQ Datasheet HTML 10Page - Texas Instruments TPS40001DGQ Datasheet HTML 11Page - Texas Instruments TPS40001DGQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
8
www.ti.com
APPLICATION INFORMATION
The TPS4000x series of synchronous buck controller devices is optimized for high-efficiency dc-to-dc
conversion in non-isolated distributed power systems. A typical application circuit is shown in Figure 1.
The TPS40004 and TPS40005 are the controllers of choice for most general purpose synchronous buck
designs. Each operates in two quadrant mode (i.e. source or sink current) full time. This choice provides the
best performance for output voltage load transient response over the widest load current range.
The TPS40001 and TPS40003 add an additional feature: They operate in single quadrant mode (i.e. source
current only) during converter startup, and then when the converter has reached the regulation point, the
controllers change to operate in two quadrant mode. This is useful for applications that have outputs pre-biased
at some voltage before the controller is enabled. When the TPS40001 or TPS40003 is enabled, it does not sink
current during startup and therefore does not pull current from the pre-biased voltage supply.
The TPS40000 and TPS40002 operate in single quadrant mode (source current only) full time, allowing the
paralleling of converters. Single quadrant operation ensures one converter does pull current from a paralleled
converter. A converter using one of these controllers emulates a non-synchronous buck converter at light loads.
When current in the output inductor attempts to reverse, an internal zero-current detection circuit turns OFF the
synchronous rectifier and causes the current flow in the inductor to become discontinuous. At average load
currents greater than the peak amplitude of the inductor ripple current, the converter returns to operation as a
synchronous buck converter to maximize efficiency.
UDG−02013
10
µF
20 k
W
100
µF
7.68 k
470
µF 10 µF 15.7 kΩ
243
10 k
VOUT 1.8 V
10 A
1.0
µH
Si4836DY
IHLP5050CE−01
Si4836DY
5
8
7
10
9
1
2
3
ILIM
FB
COMP
GND
HDRV
SW
VDD
LDRV
3.6 nF
4
4.7 nF
SS/SD
6
BOOT
100 pF
TPS40001
100 nF
3.3 nF
3.3
VDD
3.0 V to 5.5 V
Figure 1. Typical Application Circuit


Numéro de pièce similaire - TPS40001DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40001DGQ TI-TPS40001DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQ TI-TPS40001DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQG4 TI-TPS40001DGQG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQR TI-TPS40001DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQRG4 TI-TPS40001DGQRG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40001DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com