Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25942LRVCT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25942LRVCT
Description  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25942LRVCT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS25942LRVCT Datasheet HTML 4Page - Texas Instruments TPS25942LRVCT Datasheet HTML 5Page - Texas Instruments TPS25942LRVCT Datasheet HTML 6Page - Texas Instruments TPS25942LRVCT Datasheet HTML 7Page - Texas Instruments TPS25942LRVCT Datasheet HTML 8Page - Texas Instruments TPS25942LRVCT Datasheet HTML 9Page - Texas Instruments TPS25942LRVCT Datasheet HTML 10Page - Texas Instruments TPS25942LRVCT Datasheet HTML 11Page - Texas Instruments TPS25942LRVCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
www.ti.com
8.6 Timing Requirements
Conditions are –40°C
≤ TJ = TA ≤ 125°C, 2.7 V ≤ V(IN) ≤ 18 V, V(EN/UVLO) = 2 V, V(OVP) = V(DMODE) = V(PGTH) = 0 V, R(ILIM) = 150
k
Ω, C(OUT) = 1 µF, C(dVdT) = OPEN, PGOOD = FLT = IMON = OPEN. Positive current into terminals. All voltages referenced to
GND (unless otherwise noted). Refer to Figure 47 for timing diagrams.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE and UVLO INPUT
EN/UVLO
↑ (100mV above V(ENR)) to V(OUT) = 100 mV,
220
µs
C(dVdT) < 0.8 nF
tON(dly)
EN turn on delay
EN/UVLO
↑ (100mV above V(ENR)) to V(OUT) = 100 mV,
100 + 150 x
µs
C(dVdT) ≥ 0.8 nF, see , [C(dVdT) in nF]
C(dVdT)
tOFF(dly)
EN turn off delay
EN/UVLO
↓ (100mV below V(ENF)) to FLT↓
2
µs
OVERVOLTAGE PROTECTION INPUT (OVP)
tOVP(dly)
OVP disable delay
OVP
↑ (100mV above V(OVPR)) to FLT↓
2
µs
DIODE MODE INPUT: ACTIVE HIGH (DMODE)
DMODE
↓ to (V(IN) -V(OUT)) ≤ 200 mV, with 1 A resistive
DMODE turn-on delay
2
µs
load at OUT
tDMODE
DMODE
↑ to (V(IN) -V(OUT)) > 200 mV, 1 A resistive load at
DMODE turn-off delay
220
ns
OUT
OUTPUT RAMP CONTROL (dVdT)
EN/UVLO
↑ to V(OUT) = 4.5 V, with C(dVdT) = open
0.12
tdVdT
Output ramp time
EN/UVLO
↑ to V(OUT) = 11 V, with C(dVdT) = open
0.25
0.37
0.5
ms
EN/UVLO
↑ to V(OUT) = 11 V, with C(dVdT) = 1 nF
0.97
CURRENT LIMIT
tFASTRIP(dly)
Fast-Trip comparator delay
I(OUT) > I(FASTRIP)
200
ns
REVERSE PROTECTION COMPARATOR
(V(IN) - V(OUT))↓ (1 mV overdrive below V(REVTH)) to FLT↓
10
tREV(dly)
Reverse protection comparator
(V(IN) - V(OUT))↓ (10 mV overdrive below V(REVTH)) to FLT↓
1
µs
delay
tFWD(dly)
(V(IN) - V(OUT))↑ (10 mV overdrive above V(FWDTH)) to FLT↑
3.1
POWER-GOOD COMPARATOR OUTPUT (PGOOD): ACTIVE HIGH
TPS25942: Rising edge
0.42
0.54
0.66
tPGOODR
ms
PGOOD delay (de-glitch) time
TPS25944: Rising edge
4
tPGOODF
TPS25942 and TPS25944: Falling edge
10
µs
FAULT FLAG (FLT)
FLT assertion delay in Circuit
TPS25944 Only; Delay from I(OUT) > I(LIM) to FLT↓ (and
tCB(dly)
4
ms
Breaker mode
internal FET turned off)
TPS25944A Only; Circuit breaker fault asserted, Delay
tCB(Retrydly)
Retry Delay in Circuit Breaker Mode
128
ms
from to FLT
↓ to FLT↑ edge
THERMAL SHUT DOWN (TSD)
Retry delay in TSD
TPS25942A and TPS25944A Only
128
ms
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS25942A TPS25942L TPS25944A TPS25944L


Numéro de pièce similaire - TPS25942LRVCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Description similaire - TPS25942LRVCT

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com