Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25942ARVCT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25942ARVCT
Description  5A eFuse Power MUX with Multiple Protection Modes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25942ARVCT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS25942ARVCT Datasheet HTML 1Page - Texas Instruments TPS25942ARVCT Datasheet HTML 2Page - Texas Instruments TPS25942ARVCT Datasheet HTML 3Page - Texas Instruments TPS25942ARVCT Datasheet HTML 4Page - Texas Instruments TPS25942ARVCT Datasheet HTML 5Page - Texas Instruments TPS25942ARVCT Datasheet HTML 6Page - Texas Instruments TPS25942ARVCT Datasheet HTML 7Page - Texas Instruments TPS25942ARVCT Datasheet HTML 8Page - Texas Instruments TPS25942ARVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
C
= 150 F, R = 4
OUT
L
m
W
TPS25942x
TPS25944x
IN
OUT
EN/UVLO
OVP
DMODE
dVdT
GND
FLT
PGOOD
PGTH
IMON
ILIM
To Load
2.7 to 18 V
RTOTAL =
42 m:
V(IN)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS25942A, TPS25942L, TPS25944A, TPS25944L
SLVSCE9A – JUNE 2014 – REVISED MARCH 2015
TPS25942x/44x 2.7V-18V, 5A eFuse Power MUX with Multiple Protection Modes
1 Features
3 Description
The TPS25942, TPS25944 eFuse Power MUX is a
1
2.7 V – 18 V Operating Voltage, 20 V (Max)
compact, feature rich power management device with
42 m
Ω RON (Typical)
a full suite of protection functions. The wide operating
0.6 A to 5.3 A Adjustable Current Limit (±8%)
range allows control of many popular DC bus
voltages.
Integrated
back-to-back
FETs
provide
IMON Current Indicator Output (±8%)
bidirectional current control making the device well
200 µA Operating IQ (Typical)
suited for power muxing and systems with multiple
15 µA Disabled IQ (Typical)
power sources.
±2% Overvoltage, Undervoltage Thresholds
Load, source and device protection are provided with
Reverse Current Blocking
many
programmable
features.
Thresholds
for
undervoltage, overvoltage, overcurrent, dVo/dt ramp
1 µs Reverse Voltage Shutoff
rate, power good, and in-rush current protection are
Programmable dVo/dt Control
all
programmable
to
suit
specific
system
Power Good and Fault Outputs
requirements. For system status monitoring and
Two Overcurrent Fault Response Options
downstream
load
control,
the
device
provides
PGOOD, FLT and precise current monitor output.
TPS25942: I(LIMIT) with Thermal Shutdown
The TPS25942, TPS25944 monitor V(IN) and V(OUT) to
TPS25944: 4 ms Fault Timer then Shutoff
provide true reverse blocking from output when V(IN) <
-40°C to 125°C Junction Temperature Range
(V(OUT) - 10 mV). The device can be configured to
UL 2367 Recognized
assign Main/Auxiliary supply priority using the FLT
File No. 169910
and DMODE pins.
RILIM ≥ 20 kΩ (4.81 A max)
Device Information(1)
UL60950 Safe during Single Point Failure
PART NUMBER(2)
PACKAGE
BODY SIZE (NOM)
Open/Short ILIM detection
TPS25942L
TPS25942A
WQFN (20)
3.00 mm x 4.00 mm
2 Applications
TPS25944L
Power Path Management
TPS25944A
Redundant Power Supply Systems
(1) For all available packages, see the orderable addendum at
the end of the datasheet
PCIe cards, NICs and RAID Systems
(2) TPS2594xL = Latched, TPS2594xA = Auto Retry
USB Power Banks, Power MUXes
SSDs and HDDs
Tablets and Notebooks
Adapter Power Devices
PLCs, SS Relays and Fan Control
4 Simplified Schematic
Failover of V(MAIN) = 12 V to V(AUX) = 12.3 V
Using Diode Mode Control
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Numéro de pièce similaire - TPS25942ARVCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25940 TI1-TPS25940 Datasheet
2Mb / 47P
[Old version datasheet]   18V eFuse with True Reverse Blocking and DevSleep Support for SSDs
TPS25940 TI1-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940 TI-TPS25940 Datasheet
3Mb / 50P
[Old version datasheet]   TPS25940x-Q1 2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 50P
[Old version datasheet]   2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
More results

Description similaire - TPS25942ARVCT

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
   digital microphone with multiple performance modes
July 2020 Rev 2
logo
Omron Electronics LLC
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
   Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
   MEMS audio sensor: digital microphone with multiple performance modes
March 2022 Rev 3
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
   Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com