Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3838K33DBVR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3838K33DBVR
Description  NanoPower Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3838K33DBVR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3838K33DBVR Datasheet HTML 3Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 4Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 5Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 6Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 7Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 8Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 9Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 10Page - Texas Instruments TPS3838K33DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
I
Low-LevelOutputCurrent
mA
-
-
OL
0
0
1
2
3
4
5
6
7
0.5
1.0
1.5
2.0
V
=2V
DD
MR =OPEN
CT=GND
T =25 C
A
°
T = 40 C
-
°
A
T =85 C
°
A
T =0 C
°
A
0
0
1
2
3
4
5
0.5
1.0
1.5
2.0
I
High-LevelOutputCurrent
mA
-
-
OH
V
=2V
DD
MR =OPEN
CT=GND
T =85 C
A
°
T = 40 C
-
°
A
T =0 C
°
A
T =25 C
°
A
0.995
0.996
0.997
0.998
0.999
1.001
-40
-15
10
35
60
85
T
Free-AirTemperature
A -
- °C
1.000
CT=GND
MR =Open
0
2
4
6
8
10
12
14
16
18
20
22
0
0.2
0.4
0.6
0.8
1.0
1.2 1.4
1.6 1.8
2.0
MR =Open
CT=GND
T =+25 C
A
°
V
ThresholdOverdrive
V
-
-
DD
TPS3836
TPS3837
TPS3838
www.ti.com
SLVS292E – JUNE 2000 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 3.
Figure 4.
NORMALIZED RESET THRESHOLD VOLTAGE
MINIMUM PULSE DURATION AT VDD
VS
vs
FREE-AIR TEMPERATURE
VDD THRESHOLD OVERDRIVE
Figure 5.
Figure 6.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Numéro de pièce similaire - TPS3838K33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3838K33DBVR TI-TPS3838K33DBVR Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
More results

Description similaire - TPS3838K33DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com