Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25810 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25810
Description  USB Type-C DFP Controller and Power Switch with Load Detection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS25810 Datasheet HTML 1Page - Texas Instruments TPS25810 Datasheet HTML 2Page - Texas Instruments TPS25810 Datasheet HTML 3Page - Texas Instruments TPS25810 Datasheet HTML 4Page - Texas Instruments TPS25810 Datasheet HTML 5Page - Texas Instruments TPS25810 Datasheet HTML 6Page - Texas Instruments TPS25810 Datasheet HTML 7Page - Texas Instruments TPS25810 Datasheet HTML 8Page - Texas Instruments TPS25810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
100
(1%)
6 x 100
(optional )
2.9 V
± 5.5V
Control Signals
Auxiliary Power
Power Switch
Status Signals
Type- C DFP
Status Signals
VBUS
IN1
IN2
EN
CHG
CHG_HI
REF
GND
OUT
FAULT
LD_ DET
CC1
CC2
UFP
POL
AUDIO
DEBUG
Power Pad
TPS25810
AUX
CC Power
4.5 V
± 5.5V
120PF
6.8 PF
REF_ RTN
4.5 V
± 6.5V
Bus Power
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS25810
SLVSCR1B – SEPTEMBER 2015 – REVISED MAY 2016
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
1
(1)
CC pins are IEC-61000-4-2 rated
1 Features
1
USB Type-C Rev. 1.1 Compliant DFP Controller
Connector Attach/Detach Detection
STD/1.5-A/3-A Capability Advertisement on CC
Super Speed Polarity Determination
VBUS Application and Discharge
VCONN Application to Electronically Marked Cable
Audio and Debug Accessory Identification
0.7-µA (typ) IDDQ When Port Unattached
Three Input Supply Options
IN1: USB Charging Supply
IN2: VCONN Supply
AUX: Device Power Supply
Power Wake Supports Low Power in System
Hibernate (S4) and OFF (S5) Power States
34-m
Ω (typ) High-Side MOSFET
1.7/3.4-A ILimit (±7.1%) - Programmable
Port Power Management Enables Power
Resource Optimization Across Multi-Ports
Package: 20-Pin WQFN (3 x 4) (1)
UL Listed – File No. E169910
2 Applications
USB Type C Host Port in Notebook for Sleep
Charging
LCD Monitor/Docking Station and Charging
Cradles
Type C USB Wall Chargers
3 Description
The TPS25810 is a USB Type-C Downstream Facing
Port (DFP) controller with an integrated 3-A rated
USB power switch. The TPS25810 monitors the
Type-C
Configuration
Channel
(CC)
lines
to
determine when an USB device is attached. If an
Upstream Facing Port (UFP) device is attached, the
TPS25810 applies power to VBUS and communicates
the selectable VBUS current sourcing capability to the
UFP via the passthrough CC line. If the UFP is
attached using an electronically marked cable, the
TPS25810 also applies VCONN power to the cable CC
pin. The TPS25810 also identifies when Type-C
audio or debug accessories are attached.
The TPS25810 draws less than 0.7 uA (typ) when no
device is attached. Additional system power saving is
achievable in S4/S5 system power states by using
the UFP output to disable the high power 5-V supply
when no UFP is attached. In this mode the device is
capable of running from an auxiliary supply (AUX)
which can be a lower voltage supply (3.3 V), typically
powering the system uC in low power states (S4/S5).
The
TPS25810
34-m
power
switch
has
two
selectable fixed current limits that align with the Type-
C current levels. The FAULT output signals when the
switch is in an over current or over temperature
condition.
The
LD_DET
output
controls
power
management to multiple high current Type-C ports in
an environment where all ports cannot simultaneously
provide high current (3 A).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS25810
WQFN (20)
3.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Numéro de pièce similaire - TPS25810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Description similaire - TPS25810

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com