Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3839G18DQNR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3839G18DQNR
Description  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839G18DQNR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS3839G18DQNR Datasheet HTML 7Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 8Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 9Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 10Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 11Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 12Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 13Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 14Page - Texas Instruments TPS3839G18DQNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Transient
Duration
(t )
W
Transient
Amplitude
V
DD
V
IT-
Delay
V
REF
VDD
GND
RESET
MR
(
Only)
TPS3831
VDD
TPS3831, TPS3839
www.ti.com
SBVS193D – JUNE 2012 – REVISED JULY 2015
8 Detailed Description
8.1 Overview
The TPS3831 and TPS3839 are ultralow current voltage supervisory circuits that monitor the input supply voltage
of these devices. Both devices assert an active-low reset whenever the VDD supply voltage drops below the
negative-going
threshold
voltage
(VIT–).
The
output,
RESET,
remains
asserted
for
approximately
200 ms after the VDD voltage rises above the positive-going threshold voltage (VIT– + Vhys). These devices are
designed to ignore fast transients on the VDD pin.
The TPS3831 device includes a manual reset input (MR) that can be used to force the RESET signal low, even if
the supply voltage is above VIT–.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 VDD Transient Rejection
The TPS383x (TPS3831 and TPS3839) devices have built-in rejection of fast transients on the VDD pin.
Transient rejection depends on both the duration and amplitude of the transient. Transient amplitude is measured
from the bottom of the transient to the negative threshold voltage (VIT–) of the device, as shown in Figure 12.
Figure 12. Voltage Transient Measurement
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11


Numéro de pièce similaire - TPS3839G18DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3839G18DQNR TI1-TPS3839G18DQNR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839G18DQNR TI-TPS3839G18DQNR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Description similaire - TPS3839G18DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com