Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25740RGET Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25740RGET
Description  USB Type-C and USB PD Source Controller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25740RGET Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS25740RGET Datasheet HTML 6Page - Texas Instruments TPS25740RGET Datasheet HTML 7Page - Texas Instruments TPS25740RGET Datasheet HTML 8Page - Texas Instruments TPS25740RGET Datasheet HTML 9Page - Texas Instruments TPS25740RGET Datasheet HTML 10Page - Texas Instruments TPS25740RGET Datasheet HTML 11Page - Texas Instruments TPS25740RGET Datasheet HTML 12Page - Texas Instruments TPS25740RGET Datasheet HTML 13Page - Texas Instruments TPS25740RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
TPS25740, TPS25740A
SLVSDG8A – APRIL 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS25740 TPS25740A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise stated in a specific test condition the following conditions apply: –40°C
≤ TJ ≤ 125°C; 3 ≤ VDD ≤ 5.5 V, 4.65
V
≤ VPWR ≤ 25 V; HIPWR = GND, PSEL = GND, GD = VAUX, PCTRL = VAUX, AGND = GND; VAUX, VTX, bypassed with
0.1 µF, DVDD bypassed with 0.22 µF, EN12V = GND and EN9V = GND; all other pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) Common mode minimum aligns to VBUS UVLO. VBUS must be above its UVLO for the OCP function to be active.
(11) When TJ1 trips a hard reset is transmitted and discharge is disabled, but the bleed discharge is not disabled.
(12) TJ2 trips only when some external heat source drives the temperature up. When it trips the DVDD, and VAUX power outputs are turned
off.
OverCurrent Protection (ISNS, VBUS)
VI(TRIP)
Current trip shunt voltage
Specified as V(ISNS)-V(VBUS).
3.5 V(10)
≤ VBUS ≤ 25 V
HIPWR: 5 A not enabled
19.2
22.6
mV
HIPWR = DVDD (5 A enabled)
29
34
mV
OTSD
TJ1
Die Temperature (Analog)(11)
TJ
125
135
145
°C
Hysteresis
10
TJ2
Die Temperature (Analog) (12)
TJ
140
150
163
°C
Hysteresis
10
7.6 Timing Requirements
Unless otherwise stated in a specific test condition the following conditions apply: –40°C
≤ TJ ≤ 125°C; 3 ≤ VDD ≤ 5.5 V, 4.65
V
≤ VPWR ≤ 25 V; HIPWR = GND, PSEL = GND, GD = VAUX, PCTRL = VAUX, AGND = GND; VAUX, VTX, bypassed with
0.1 µF, DVDD bypassed with 0.22 µF, EN12V = GND and EN9V = GND; all other pins open (unless otherwise noted)
MIN
NOM
MAX
UNIT
tFOVPDG
Deglitch for fast over-voltage protection
5
µs
tOCP
Deglitch Filter for over-current protection
15
µs
Time power is applied until CC1 and CC2
pull-ups are applied.
V(VPWR) > V(VPWR_TH) OR
V(VDD) > V(VDD_TH)
2.5
4
ms
tCC
Falling/Rising voltage deglitch time for
detection on CC1 and CC2
120
µs
tWD
Watchdog Timer, the part will automatically
exit sleep mode after this time.
CC pins floating
86
s
Transmitter Specifications (CC1, CC2)
tUI
Bit unit Interval
3.05
3.3
3.70
µs
Rise/fall time, tFall and tRise (refer to USB
PD in Documentation Support )
External Loading per Figure 25
300
600
ns


Numéro de pièce similaire - TPS25740RGET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740BRGER TI1-TPS25740BRGER Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS25740BRGET TI1-TPS25740BRGET Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results

Description similaire - TPS25740RGET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
[Old version datasheet]   USB Type-C and USB PD Source Controller
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
   Programmable USB Type-C PD Controller
March 2020
logo
Texas Instruments
TPS65994AD TI-TPS65994AD Datasheet
7Mb / 66P
[Old version datasheet]   TPS65994AD Dual Port USB Type-C and USB PD Controller with Integrated Source Power Switches
logo
Richtek Technology Corp...
RT7800B RICHTEK-RT7800B Datasheet
322Kb / 25P
   AnyPowerTM and PDsafeTM USB Type-C PD Controller
logo
Texas Instruments
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
[Old version datasheet]   USB Type-C and USB PD Controller with Integrated Power Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com