Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3839A09DQNT Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3839A09DQNT
Description  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839A09DQNT Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS3839A09DQNT Datasheet HTML 5Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 6Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 7Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 8Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 9Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 10Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 11Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 12Page - Texas Instruments TPS3839A09DQNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0.5
1.5
2.5
3.5
0
2
4
6
8
10
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 3.3 V
G005
2
2.5
3
3.5
4
0
2
4
6
8
10
12
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD =4.0 V
G006
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
−40
−15
10
35
60
85
Temperature (°C)
TPS3839A09
TPS3839K50
G003
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
2.5
3
3.5
IOH (mA)
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
VDD = 1.8 V
G004
100
110
120
130
140
150
160
170
180
190
200
−40
−15
10
35
60
85
Temperature (°C)
VDD = 1.2 V
VDD = 3.3 V
VDD = 5.0 V
VDD = 6.5 V
G001
180
190
200
210
220
−40
−15
10
35
60
85
Temperature (°C)
TPS3839K33
G002
TPS3831, TPS3839
www.ti.com
SBVS193D – JUNE 2012 – REVISED JULY 2015
7.7 Typical Characteristics
At TA = 25°C and C1 = 0.1 µF, unless otherwise noted.
Figure 2. Supply Current vs Temperature
Figure 3. Reset Delay vs Temperature
Figure 4. Threshold Voltage vs Temperature
Figure 5. VOH vs IOH and Temperature for VDD = 1.8 V
Figure 6. VOH vs IOH and Temperature for VDD = 3.3 V
Figure 7. VOH vs IOH and Temperature for VDD = 4.0 V
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Numéro de pièce similaire - TPS3839A09DQNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3839A09DQNT TI1-TPS3839A09DQNT Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839A09DQNT TI-TPS3839A09DQNT Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Description similaire - TPS3839A09DQNT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com