Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25200-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25200-Q1
Description  5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25200-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS25200-Q1 Datasheet HTML 3Page - Texas Instruments TPS25200-Q1 Datasheet HTML 4Page - Texas Instruments TPS25200-Q1 Datasheet HTML 5Page - Texas Instruments TPS25200-Q1 Datasheet HTML 6Page - Texas Instruments TPS25200-Q1 Datasheet HTML 7Page - Texas Instruments TPS25200-Q1 Datasheet HTML 8Page - Texas Instruments TPS25200-Q1 Datasheet HTML 9Page - Texas Instruments TPS25200-Q1 Datasheet HTML 10Page - Texas Instruments TPS25200-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Junction Temperature (qC)
-50
0
50
100
150
0
500
1000
1500
2000
2500
3000
D007
RILIM = 36 K:
RILIM = 42.2 K:
RILIM = 80.6 K:
RILIM = 150 K:
Input Voltage (V)
2
3
4
5
6
7
480
490
500
510
520
530
540
550
560
D009
D008
Junction Temperature (GC)
-50
0
50
100
150
7.4
7.45
7.5
7.55
7.6
7.65
7.7
7.75
7.8
D005
Junction Temperature (GC)
-50
0
50
100
150
5.3
5.35
5.4
5.45
5.5
D006
Junction Temperature (GC)
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D003
Junction Temperature (qC)
-50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
100
D004
TPS25200-Q1
www.ti.com
SLVSCU5 – MARCH 2015
Typical Characteristics (continued)
VEN = VIN = 0 V
VOUT = 6.5 V
Figure 3. IREV vs Junction Temperature
Figure 4. rDS(ON) vs Junction Temperature
CL = 1 µF
RL = 100 Ω
VIN = 6.5 V
Figure 5. V(OVLO) vs Junction Temperature
Figure 6. VO(VC) vs Junction Temperature
Figure 7. IOS vs Junction Temperature
Figure 8. Discharge Resistance vs VIN
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS25200-Q1


Numéro de pièce similaire - TPS25200-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200DRV TI1-TPS25200DRV Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200DRVR TI1-TPS25200DRVR Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200DRVT TI1-TPS25200DRVT Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
More results

Description similaire - TPS25200-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
[Old version datasheet]   5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
logo
Texas Instruments
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
[Old version datasheet]   TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47701 ONSEMI-NCV47701 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com