Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS389001DSET Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS389001DSET
Description  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389001DSET Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS389001DSET Datasheet HTML 7Page - Texas Instruments TPS389001DSET Datasheet HTML 8Page - Texas Instruments TPS389001DSET Datasheet HTML 9Page - Texas Instruments TPS389001DSET Datasheet HTML 10Page - Texas Instruments TPS389001DSET Datasheet HTML 11Page - Texas Instruments TPS389001DSET Datasheet HTML 12Page - Texas Instruments TPS389001DSET Datasheet HTML 13Page - Texas Instruments TPS389001DSET Datasheet HTML 14Page - Texas Instruments TPS389001DSET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS389001
Adjustable Version
V
DD
MR
SENSE
RESET
CT
GND
1.15 V
V
REF
Reset
Logic
Timer
Fixed Voltage Version
Adjustable Voltage Version
V
DD
MR
SENSE
RESET
CT
GND
1.15 V
V
REF
Reset
Logic
Timer
R
2
R
1
Copyright © 2016, Texas Instruments Incorporated
11
TPS3890
www.ti.com
SLVSD65A – MARCH 2016 – REVISED MAY 2016
Product Folder Links: TPS3890
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS3890 supervisory product family is designed to assert a RESET signal when either the SENSE pin
voltage drops below VITN or the manual reset (MR) is driven low. The RESET output remains asserted for a user-
adjustable time after both the manual reset (MR) and SENSE voltages return above their respective thresholds.
8.2 Functional Block Diagram
8.3 Feature Description
The combination of user-adjustable reset delay time with a broad range of threshold voltages allow these devices
to be used in a wide array of applications. Fixed negative threshold voltages (VITN) can be factory set from 1.15 V
to 3.17 V (see the Device Comparison Table for available options), and the adjustable device can be used to
customize the threshold voltage for other application needs by using an external resistor divider. The CT pin
allows the reset delay to be set between 25
μs and 30 s with the use of an external capacitor.
8.3.1 User-Configurable RESET Delay Time
The rising RESET delay time (tPD(r)) can be configured by installing a capacitor connected to the CT pin. The
TPS3890 uses a CT pin charging current (ICT) of 1.15 µA to help counter the effect of capacitor and board-level
leakage currents that can be substantial in certain applications. The rising RESET delay time can be set to any
value between 25 µs (no CCT installed) and 30 s (CCT = 26 µF).
The capacitor value needed for a given delay time can be calculated using Equation 1:
tPD(r) (sec) = CCT × VCT ÷ ICT+ tPD(r)(nom)
(1)
The slope of Equation 1 is determined by the time that the CT charging current (ICT) takes to charge the external
capacitor up to the CT comparator threshold voltage (VCT). When RESET is asserted, the capacitor is discharged
through the internal CT pulldown resistor (RCT). When the RESET conditions are cleared, the internal precision
current source is enabled and begins to charge the external capacitor and when the voltage on this capacitor
reaches 1.22 V, RESET is deasserted. Note that in order to minimize the difference between the calculated
RESET delay time and the actual RESET delay time, use a low-leakage type capacitor (such as a ceramic
capacitor) and minimize parasitic board capacitance around this pin.


Numéro de pièce similaire - TPS389001DSET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS389001DSET TI1-TPS389001DSET Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Description similaire - TPS389001DSET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3890-Q1 TI1-TPS3890-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com