Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3808-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3808-Q1
Description  Low-Quiescent-Current Programmable-Delay Supervisory Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS3808-Q1 Datasheet HTML 5Page - Texas Instruments TPS3808-Q1 Datasheet HTML 6Page - Texas Instruments TPS3808-Q1 Datasheet HTML 7Page - Texas Instruments TPS3808-Q1 Datasheet HTML 8Page - Texas Instruments TPS3808-Q1 Datasheet HTML 9Page - Texas Instruments TPS3808-Q1 Datasheet HTML 10Page - Texas Instruments TPS3808-Q1 Datasheet HTML 11Page - Texas Instruments TPS3808-Q1 Datasheet HTML 12Page - Texas Instruments TPS3808-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
100
10
1
0
5
10
15
20
30
35
45
25
Overdrive (%V
IT)
50
40
RESET OCCURS
ABOVE THE CURVE
VDD
VIT
Overdrive
Voltage
Transient
Duration
TPS3808G01-Q1, TPS3808G12-Q1, TPS3808G125-Q1, TPS3808G15-Q1
TPS3808G18-Q1, TPS3808G30-Q1, TPS3808G33-Q1, TPS3808G50-Q1
www.ti.com
SBVS085I – JANUARY 2007 – REVISED JUNE 2015
8.3 Feature Description
8.3.1 Immunity to SENSE Pin Voltage Transients
The TPS3808Gxx-Q1 is relatively immune to short negative transients on the SENSE pin. Sensitivity to
transients is dependent on threshold overdrive, as shown in the Maximum Transient Duration at Sense vs Sense
Threshold Overdrive Voltage graph (Figure 9). This graph shows the duration that the transient is below VIT
compared to the magnitude of the voltage drop below VIT, or overdrive voltage. The overdrive voltage is
expressed as a percentage of the VIT threshold value. Any combination of transient duration and overdrive
voltage that lies above the curve results in RESET being asserted low. Any transient that lies below the curve is
ignored by the device.
Figure 8. Threshold Overdrive Voltage
Figure 9. Maximum Transient Duration at Sense vs Sense Threshold Overdrive Voltage
8.3.2 SENSE Input
The SENSE input provides a terminal at which any system voltage can be monitored. If the voltage on this pin
drops below VIT, RESET is asserted low. The comparator has a built-in hysteresis to ensure smooth RESET
assertions and deassertions. It is good analog design practice to put a 1-nF to 10-nF bypass capacitor on the
SENSE input to reduce sensitivity to transients and layout parasitics.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS3808G01-Q1 TPS3808G12-Q1 TPS3808G125-Q1 TPS3808G15-Q1 TPS3808G18-Q1
TPS3808G30-Q1 TPS3808G33-Q1 TPS3808G50-Q1


Numéro de pièce similaire - TPS3808-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808-Q1 TI1-TPS3808-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results

Description similaire - TPS3808-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com