Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3779DDBVR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3779DDBVR
Description  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3779DDBVR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3779DDBVR Datasheet HTML 1Page - Texas Instruments TPS3779DDBVR Datasheet HTML 2Page - Texas Instruments TPS3779DDBVR Datasheet HTML 3Page - Texas Instruments TPS3779DDBVR Datasheet HTML 4Page - Texas Instruments TPS3779DDBVR Datasheet HTML 5Page - Texas Instruments TPS3779DDBVR Datasheet HTML 6Page - Texas Instruments TPS3779DDBVR Datasheet HTML 7Page - Texas Instruments TPS3779DDBVR Datasheet HTML 8Page - Texas Instruments TPS3779DDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
7.5 Electrical Characteristics
All specifications are over the operating temperature range of –40°C < TJ < 125°C and 1.5 V ≤ VDD ≤ 6.5 V, unless otherwise
noted. Typical values are at TJ = 25°C and VDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
1.5
6.5
V
V(POR)
Power-on reset voltage(1)
VOL (max) = 0.2 V, IOL = 15 µA
0.8
V
VDD = 3.3 V, no load, –40°C < TJ < 85°C
2.09
3.72
µA
VDD = 3.3 V, no load, –40°C < TJ < 125°C
5.80
µA
IDD
Supply current (into VDD pin)
VDD = 6.5 V, no load, –40°C < TJ < 85°C
2.29
4.00
µA
VDD = 6.5 V, no load, –40°C < TJ < 125°C
6.50
µA
1.194
V
Positive-going input threshold
VIT+
V(SENSE) rising
voltage
–1%
1%
TPS37xxA
1.188
V
(0.5% hysteresis)
TPS37xxB
1.134
V
(5% hysteresis)
V(SENSE) falling
Negative-going input threshold
VIT–
TPS37xxC
voltage
1.074
V
(10% hysteresis)
TPS37xxD
1.182
V
(1% hysteresis)
V(SENSE) falling
–1%
1%
I(SENSE)
Input current
V(SENSE) = 0 V or VDD
–15
15
nA
VDD
≥ 1.2 V, ISINK = 0.4 mA
0.25
V
VOL
Low-level output voltage
VDD
≥ 2.7 V, ISINK = 2 mA
0.25
V
VDD
≥ 4.5 V, ISINK = 3.2 mA
0.30
V
VDD
≥ 1.5 V, ISOURCE = 0.4 mA
0.8 VDD
V
High-level output voltage
VOH
VDD
≥ 2.7 V, ISOURCE = 1 mA
0.8 VDD
V
(TPS3779 only)
VDD
≥ 4.5 V, ISOURCE = 2.5 mA
0.8 VDD
V
High impedance, V(SENSE) = V(OUT) = 6.5 V,
–50
50
nA
–40°C < TJ < 85°C
Open-drain output leakage
Ilkg(OD)
current (TPS3780 only)
High impedance, V(SENSE) = V(OUT) = 6.5 V,
–250
250
nA
–40°C < TJ < 125°C
(1)
Outputs are undetermined below V(POR).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3779 TPS3780


Numéro de pièce similaire - TPS3779DDBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3779DDRYR TI-TPS3779DDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779DDRYT TI-TPS3779DDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Description similaire - TPS3779DDBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com