Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3705-33DGN Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3705-33DGN
Description  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3705-33DGN Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3705-33DGN Datasheet HTML 1Page - Texas Instruments TPS3705-33DGN Datasheet HTML 2Page - Texas Instruments TPS3705-33DGN Datasheet HTML 3Page - Texas Instruments TPS3705-33DGN Datasheet HTML 4Page - Texas Instruments TPS3705-33DGN Datasheet HTML 5Page - Texas Instruments TPS3705-33DGN Datasheet HTML 6Page - Texas Instruments TPS3705-33DGN Datasheet HTML 7Page - Texas Instruments TPS3705-33DGN Datasheet HTML 8Page - Texas Instruments TPS3705-33DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MR
RESET
TPS3705−50
PFI
VDD
GND
100 nF
RESET/NMI
VDD
GND
5 V
12 V
910 k
120 k
MSP430P112
PFO
WDI
WDO
I/O
I/O
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
TPS370x-xx Processor Supervisory Circuits With Power-Fail
1
1 Features
1
Power-On Reset Generator With Fixed Delay
Time of 200 ms (No External Capacitor Needed)
Precision Supply Voltage Monitor: 2.5 V, 3 V,
3.3 V, and 5 V
Pin-for-Pin Compatible With the MAX705 Through
MAX708 Series
Integrated Watchdog Time (TPS3705-xx Only)
Voltage Monitor for Power-Fail or Low-Battery
Warning
Maximum Supply Current of 50 µA
8-Pin MSOP and 8-Pin SOIC Packages
Temperature Range: –40°C to 85°C
2 Applications
Designs Using DSPs, Microcontrollers, or
Microprocessors
Industrial Equipment
Programmable Controls
Automotive Systems
Portable or Battery Powered Equipment
Intelligent Instruments
Wireless Communication Systems
Notebook or Desktop Computers
3 Description
The TPS370x-xx family of microprocessor supply-
voltage supervisors provide circuit initialization and
timing supervision, primarily for DSP and processor-
based systems.
During power-on, RESET is asserted when the
supply voltage VDD becomes higher than 1.1 V.
Thereafter, the supply voltage supervisor monitors
VDD and keeps RESET active as long as VDD remains
below the threshold voltage VIT+. When the supply
voltage drops below the threshold voltage VIT–, the
output becomes active (low) again. No external
components are required. All the devices of this
family have a fixed-sense threshold voltage VIT– set
by an internal voltage divider.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are
available in either 8-pin MSOP or standard SOIC
packages.
The
TPS370x-xx
devices
are
characterized for operation over a temperature range
of
−40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3705-xx,
TPS3707-xx
MSOP-
PowerPAD™ (8)
358 mm × 335 mm
SOIC (8)
367 mm × 367 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical MSP430 Application


Numéro de pièce similaire - TPS3705-33DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3705-33DGN TI-TPS3705-33DGN Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DGN TI-TPS3705-33DGN Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DGN TI1-TPS3705-33DGN Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DGNG4 TI-TPS3705-33DGNG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-33DGNG4 TI-TPS3705-33DGNG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Description similaire - TPS3705-33DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com