Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3702CX10DDCR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3702CX10DDCR
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX10DDCR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3702CX10DDCR Datasheet HTML 1Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 2Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 3Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 4Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 5Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 6Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 7Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 8Page - Texas Instruments TPS3702CX10DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS3702
www.ti.com
SBVS251 – JANUARY 2015
6.5 Electrical Characteristics
At 2 V
≤ VDD ≤ 18 V, 1 V ≤ VSENSE ≤ 5 V, and over the operating free-air temperature range of –40°C to 125°C, unless
otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2
18
V
VIT+(OV)
Positive-going threshold accuracy
VSET ≤ VIL(SET), VSET ≥ VIH(SET)
–0.9%
±0.25%
0.9%
VIT–(UV)
Negative-going threshold accuracy
VSET ≤ VIL(SET), VSET ≥ VIH(SET)
–0.9%
±0.25%
0.9%
VHYS
Hysteresis voltage(1)
TPS3702xXx
0.3%
0.55%
0.8%
V(POR)
Power-on reset voltage(2)
VOL(max) = 0.25 V, IOUT = 15 µA
0.8
V
VDD = 2 V
6.0
10
µA
IDD
Supply current
VDD ≥ 5 V
7.0
12
µA
ISENSE
Input current, SENSE pin
VSENSE = 5 V
1
1.5
µA
ISET
Internal pull-up current, SET pin
VDD = 18 V, SET pin = GND
600
nA
VDD = 1.3 V, IOUT = 0.4 mA
250
mV
VOL
Low-level output voltage
VDD = 2 V, IOUT = 3 mA
250
mV
VDD = 5 V, IOUT = 5 mA
250
mV
VIL(set)
Low-level SET pin input voltage
250
mV
VIH(set)
High-level SET pin input voltage
750
mV
ID(leak)
VPU = VDD
300
nA
Open-drain output leakage current
ILKG(od)
VDD = 2 V, VPU = 18 V
300
nA
UVLO
Undervoltage lockout(3)
VDD falling
1.3
1.7
V
(1)
Hysteresis is 0.55% of the nominal trip point.
(2)
The outputs are undetermined below V(POR).
(3)
When VDD falls below UVLO, UV is driven low and OV goes to high impedance.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS3702


Numéro de pièce similaire - TPS3702CX10DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3702CX10QDDCRQ1 TI1-TPS3702CX10QDDCRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Description similaire - TPS3702CX10DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com