Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3618 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS3618
Description  BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3618 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS3618 Datasheet HTML 1Page - Texas Instruments TPS3618 Datasheet HTML 2Page - Texas Instruments TPS3618 Datasheet HTML 3Page - Texas Instruments TPS3618 Datasheet HTML 4Page - Texas Instruments TPS3618 Datasheet HTML 5Page - Texas Instruments TPS3618 Datasheet HTML 6Page - Texas Instruments TPS3618 Datasheet HTML 7Page - Texas Instruments TPS3618 Datasheet HTML 8Page - Texas Instruments TPS3618 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Switch
Control
_
+
RESET
Logic
+
Timer
_
+
Reference
Voltage
or 1.15 V
VOUT
RESET
VBAT
VDD
PFI
TPS3617
GND
Watchdog
Logic
+
Control
Oscillator
PFO
+
Transition
Detector
WDI
40 k
TPS3618
TPS3617
TPS3618
SLVS339D – DECEMBER 2000 – REVISED DECEMBER 2006
Table 2. PFO FUNCTION
TABLE
PFI > VPFI
PFO
0
0
1
1
CONDITION: VDD > VDD(MIN)
Table 3. TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
GND
3
I
Ground
PFI
4
I
Power-fail comparator input
PFO
5
O
Power-fail comparator output; asserts low when PFI < 1.15 V
RESET
7
O
Active-low push-pull reset output
VBAT
8
I
Backup-battery input
VDD
2
I
Input supply voltage
VOUT
1
O
Supply output
WDI
6
I
Watchdog input. Should be left floating if not used.
FUNCTIONAL BLOCK DIAGRAM
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS3618

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610 TI1-TPS3610 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI-TPS3610T50PW Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610T50PW TI1-TPS3610T50PW Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3618

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com