Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2832DRG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS2832DRG4
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2832DRG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2832DRG4 Datasheet HTML 7Page - Texas Instruments TPS2832DRG4 Datasheet HTML 8Page - Texas Instruments TPS2832DRG4 Datasheet HTML 9Page - Texas Instruments TPS2832DRG4 Datasheet HTML 10Page - Texas Instruments TPS2832DRG4 Datasheet HTML 11Page - Texas Instruments TPS2832DRG4 Datasheet HTML 12Page - Texas Instruments TPS2832DRG4 Datasheet HTML 13Page - Texas Instruments TPS2832DRG4 Datasheet HTML 14Page - Texas Instruments TPS2832DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 16 shows the circuit schematic of a 100-kHz synchronous-buck converter implemented with a TL5001A
pulse-width-modulation (PWM) controller and a TPS2833 driver. The converter operates over an input range from
4.5 V to 12 V and has a 3.3 V output. The circuit can supply 3 A continuous load and the transient load is 5 A. The
converter achieves an efficiency of 94% for VIN = 5 V, Iload=1 A, and 93% for Vin = 5 V, Iload = 3 A.
C14
1
µF
R9
90.9 k
R8
121 k
C9
0.22
µF
VCC
RT
FB
COMP
GND
OUT
DTC
SCP
U2
TL5001A
1
2
6
5
8
3
4
7
C1
1
µF
R10
1.0 k
R2
1.6 k
C2
0.033
µF
C3
0.0022
µF
C8
0.1
µF
C4
0.022
µF
R3
180
R4
2.32 k
GND
Q2
Si4410
R7
3.3
C6
1000 pF
VIN
C5
100
µF
C10
100
µF
C11
0.47
µF
3.3 V
C13
10
µF
C7
100
µF
C12
100
µF
Q1
Si4410
L1
27
µH
U1
TPS2833
R1
1 k
C15
1.0
µF
R6
1 M
R5
0
R11
4.7
RTN
PGND
LOWDR
BOOTLO
HIGHDR
BOOT
IN
DT
VCC
1
2
3
4
8
7
6
5
+
+
+
+
Figure 16. 3.3 V 3 A Synchronous-Buck Converter Circuit


Numéro de pièce similaire - TPS2832DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2832D TI-TPS2832D Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
More results

Description similaire - TPS2832DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com