Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2832D Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2832D
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2832D Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2832D Datasheet HTML 2Page - Texas Instruments TPS2832D Datasheet HTML 3Page - Texas Instruments TPS2832D Datasheet HTML 4Page - Texas Instruments TPS2832D Datasheet HTML 5Page - Texas Instruments TPS2832D Datasheet HTML 6Page - Texas Instruments TPS2832D Datasheet HTML 7Page - Texas Instruments TPS2832D Datasheet HTML 8Page - Texas Instruments TPS2832D Datasheet HTML 9Page - Texas Instruments TPS2832D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating virtual junction temperature range,
CL = 3.3 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Rise time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Rise time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Fall time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Fall time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
HIGHDR going low
VBOOT = 4.5 V,
VBOOTLO = 0 V
130
HIGHDR going low
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
100
ns
Propagation delay time
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
75
ns
Propagation delay time
LOWDR going high
VBOOT = 4.5 V,
VBOOTLO = 0 V
80
LOWDR going high
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
70
ns
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
60
ns
LOWDR going low
VCC = 4.5 V
80
Propagation delay time
LOWDR going low
(excluding dead time) (see Note 3)
VCC = 6.5 V
70
ns
Propagation delay time
(excluding dead time) (see Note 3)
VCC = 12 V
60
ns
DT to LOWDR and
VCC = 4.5 V
40
170
Driver nonoverlap time
DT to LOWDR and
LOWDR to HIGHDR (see Note 3)
VCC = 6.5 V
25
135
ns
Driver nonoverlap time
LOWDR to HIGHDR (see Note 3)
VCC = 12 V
15
85
ns
NOTE 3:
Ensured by design, not production tested.


Numéro de pièce similaire - TPS2832D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2832D TI-TPS2832D Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
More results

Description similaire - TPS2832D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com