Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2592BLDRCT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2592BLDRCT
Description  5-V eFuse with Over Voltage Protection and Blocking FET Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2592BLDRCT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2592BLDRCT Datasheet HTML 1Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 2Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 3Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 4Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 5Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 6Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 7Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 8Page - Texas Instruments TPS2592BLDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
VIN
VOUT
C2
C3
I_OUT
C1
28m
:
VIN
OUT
EN/UVLO
dV/dT
GND
BFET
TPS2592xx
ILIM
RLIM
COUT
CdVdT
R1
R2
VIN
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS2592BA, TPS2592BL
SLVSCU2 – DECEMBER 2014
TPS2592Bx 5-V eFuse with Over Voltage Protection and Blocking FET Control
Not Recommended for New Designs
1 Features
3 Description
The TPS2592Bx family of eFuses is a highly
1
5-V eFuse, VABSMAX = 20 V
integrated circuit protection and power management
Integrated 28-m
Ω Pass MOSFET
solution in a tiny package. The devices use few
Fixed 6.1-V Over Voltage Clamp
external components and provide multiple protection
modes. They are a robust defense against overloads,
2-A to 5-A Adjustable ILIMIT (±15% Accuracy)
shorts circuits, voltage surges, excessive inrush
Reverse Current Blocking Support
current, and reverse current.
Programmable OUT Slew Rate, UVLO
Current limit level can be set with a single external
Built-in Thermal Shutdown
resistor. Over voltage events are limited by internal
UL 2367 Recognized – File No. 169910*
clamping circuits to a safe fixed maximum, with no
external
components
required.
Applications
with
*RILIM ≤ 100 kΩ (4 A max)
particular voltage ramp requirements can set dV/dT
Safe During Single Point Failure Test (UL60950)
with a single capacitor to ensure proper output ramp
Small Foot Print – 10L (3 mm x 3 mm) VSON
rates.
Many systems, such as SSDs, must not allow holdup
2 Applications
capacitance energy to dump back through the FET
Adapter Powered Devices
body diode onto a drooping or shorted input bus. The
BFET pin is for such systems. An external NFET can
HDD and SSD Drives
be connected “Back to Back (B2B)” with the TPS2592
Set Top Boxes
output and the gate driven by BFET to prevent
Servers / AUX Supplies
current flow from load to source (see Figure 42).
Fan Control
Device Information(1)
PCI/PCIe Cards
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2592BA
VSON (10)
3.00 mm × 3.00 mm
TPS2592BL
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Transient: Output Short Circuit
4 Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS2592BLDRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592BLDRCT TI-TPS2592BLDRCT Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
More results

Description similaire - TPS2592BLDRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com