Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS255x-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS255x-Q1
Description  Precision Automotive Adjustable Current-Limited Power-Distribution Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS255x-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS255x-Q1 Datasheet HTML 3Page - Texas Instruments TPS255x-Q1 Datasheet HTML 4Page - Texas Instruments TPS255x-Q1 Datasheet HTML 5Page - Texas Instruments TPS255x-Q1 Datasheet HTML 6Page - Texas Instruments TPS255x-Q1 Datasheet HTML 7Page - Texas Instruments TPS255x-Q1 Datasheet HTML 8Page - Texas Instruments TPS255x-Q1 Datasheet HTML 9Page - Texas Instruments TPS255x-Q1 Datasheet HTML 10Page - Texas Instruments TPS255x-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
t
(IOS)
I
OS
I
(OUT)
R
L
C
L
OUT
TEST CIRCUIT
t
r
t
f
10%
90%
10%
90%
t
on
10%
90%
50%
50%
V
(
)
EN
V
(OUT)
t
on
t
off
50%
50%
10%
90%
VOLTAGE WAVEFORMS
t
off
t
n
V
(OUT)
V
(OUT)
V
(EN)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50
100
150
200
V
(IN) ± V(OUT) (mV)
TA =
±40ƒC
TA = 25°C
TA = 125°C
C007
T
J = J40ƒC
T
J = 25ƒC
T
J = 125ƒC
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
5.000
0
50
100
150
200
V
(IN) ± V(OUT) (mV)
TJ =
±40ƒC
TJ = 25°C
TJ = 125°C
C010
T
J = J40ƒC
T
J = 25ƒC
T
J = 125ƒC
TPS2556-Q1, TPS2557-Q1
www.ti.com
SLVSC97A – MARCH 2014 – REVISED MARCH 2014
Typical Characteristics (continued)
R(ILIM) = 24.9 kΩ
R(ILIM) = 61.9 kΩ
Figure 8. Switch Current Versus Drain-Source Voltage
Across Switch
Figure 7. Switch Current Versus Drain-Source Voltage
Across Switch
7 Parameter Measurement Information
Figure 9. Test Circuit and Voltage Waveforms
Figure 10. Response Time to Short-Circuit Waveform
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2556-Q1 TPS2557-Q1


Numéro de pièce similaire - TPS255x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS255xD TI1-TPS255xD Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS255XX TI1-TPS255XX Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results

Description similaire - TPS255x-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com