Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2559 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2559
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2559 Datasheet HTML 1Page - Texas Instruments TPS2559 Datasheet HTML 2Page - Texas Instruments TPS2559 Datasheet HTML 3Page - Texas Instruments TPS2559 Datasheet HTML 4Page - Texas Instruments TPS2559 Datasheet HTML 5Page - Texas Instruments TPS2559 Datasheet HTML 6Page - Texas Instruments TPS2559 Datasheet HTML 7Page - Texas Instruments TPS2559 Datasheet HTML 8Page - Texas Instruments TPS2559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS2559
SLVSCL5 – JUNE 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage range
IN, OUT, EN, ILIM, FAULT
–0.3
7
V
IN to OUT
–7
7
V
Continuous output current, IOUT
OUT
Internally Limited
mA
Continuous FAULT sink current
20
mA
ILIM source current
Internally Limited
mA
Maximum junction temperature, TJ
–40 to OTSD2
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltages are referenced to GND unless otherwise noted.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–2
2
kV
Electrostatic
Charged device model (CDM), per JEDEC specification JESD22-C101, all
V(ESD)
–500
500
V
discharge
pins(2)
System Level (Contact/Air) (3)
–8/15
8/15
kV
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Surges per EN61000-4-2, 1999 applied between USB and output ground of the TPS2559EVM (SLUUB15) evaluation module
(documentation available on the Web.) These were the test levels, not the failure threshold.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VEN
Input voltage, EN
0
6.5
V
IOUT
Continuous output current of OUT
5.5
A
Continuous FAULT sink current
10
mA
R(ILIM)
Recommended resistor limit range (1)
24.9
100
k
TJ
Operating junction temperature
-40
125
°C
(1)
R(ILIM) is the resistor from ILIM pin to GND and ILIM pin can be shorted to GND.
8.4 Thermal Information
TPS2559
THERMAL METRIC(1)
UNIT
DRC (10 PINS)
RθJA
Junction-to-ambient thermal resistance
40.6
RθJC(top)
Junction-to-case (top) thermal resistance
45.5
RθJB
Junction-to-board thermal resistance
15.9
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
15.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS2559


Numéro de pièce similaire - TPS2559

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559QWDRCRQ1 TI1-TPS2559QWDRCRQ1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559QWDRCTQ1 TI1-TPS2559QWDRCTQ1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Description similaire - TPS2559

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com