Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2546 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2546
Description  USB-Charging Port Controller and Power Switch With Load Detection
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2546 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS2546 Datasheet HTML 1Page - Texas Instruments TPS2546 Datasheet HTML 2Page - Texas Instruments TPS2546 Datasheet HTML 3Page - Texas Instruments TPS2546 Datasheet HTML 4Page - Texas Instruments TPS2546 Datasheet HTML 5Page - Texas Instruments TPS2546 Datasheet HTML 6Page - Texas Instruments TPS2546 Datasheet HTML 7Page - Texas Instruments TPS2546 Datasheet HTML 8Page - Texas Instruments TPS2546 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
OUT
GND
FAULT
ILIM_LO
EN
R
ILIM_LO
RSTATUS
(10 kW)
Power Switch EN
4.5V – 5.5V
TPS2546-Q1
0.1 mF
CUSB
Fault Signal
DM_IN
DP_IN
VBUS
D-
D+
GND
USB
Connector
To Portable Device
à
Power Bus
CTL1
CTL2
CTL3
ILIM_SEL
ILIM Select
DM_OUT
DP_OUT
To Host Controller
à
Mode Select I/O
IN
STATUS
STATUS Signal
R
ILIM_HI
ILIM_HI
RFAULT
(10 kW)
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2546-Q1
SLVSCA1B – OCTOBER 2013 – REVISED AUGUST 2016
TPS2546-Q1 USB-Charging Port Controller and Power Switch With Load Detection
1
1 Features
1
AEC-Q100 Qualified
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C5
Operating Range: 4.5 V to 5.5 V
D+/D– CDP/DCP Modes per USB Battery
Charging Specification 1.2
D+/D– Shorted Mode per Chinese
Telecommunication Industry Standard YD/T
1591-2009
Supports Non-BC1.2 Charging Modes by
Automatic Selection:
D+/D– Divider Modes 2 V/2.7 V and 2.7 V/2 V
D+/D– 1.2-V Mode
Supports Sleep-Mode Charging and
Mouse/Keyboard Wakeup
Automatic SDP/CDP Switching for Devices That
Do Not Connect to CDP Ports
Load Detection for Power Supply Control in S4/S5
Charging and Port Power Management in All
Charge Modes
Compatible With USB 2.0 and 3.0 Power Switch
Requirements
I73-mΩ (Typical) High-Side MOSFET
Adjustable Current-Limit up to 3 A (Typical)
Operating Range: 4.5 V to 5.5 V
Max Device Current:
2 µA When Device Disabled
270 µA When Device Enabled
Drop-In and BOM Compatible With TPS2543
Available in 16-Pin WQFN (3.00 mm × 3.00 mm)
Package
2 Applications
Automotive
USB Ports (Host and Hubs)
Notebook and Desktop PCs
Universal Wall-Charging Adapters
3 Description
The TPS2546-Q1 is a USB charging port controller
and power switch with an integrated USB 2.0 high-
speed
data
line
(D+/D–)
switch.
TPS2546-Q1
provides the electrical signatures on D+/D– to support
charging schemes listed under Feature Description.
TI tests charging of popular mobile phones, tablets,
and media devices with the TPS2546 to ensure
compatibility with both BC1.2 compliant, and non-
BC1.2 compliant devices.
In addition to charging popular devices, the TPS2546-
Q1 also supports two distinct power management
features, namely, power wake and port power
management (PPM) through the STATUS pin. Power
wake allows for power supply control in S4/S5
charging and PPM the ability to manage port power in
a multi-port application. Additionally, system wake up
(from S3) with a mouse/keyboard (both low speed
and full speed) is fully supported in the TPS2546-Q1.
The TPS2546-Q1 73-mΩ power-distribution switch is
intended for applications where heavy capacitive
loads and short-circuits are likely to be encountered.
Two
programmable
current
thresholds
provide
flexibility for setting current limits and load detect
thresholds.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2546-Q1
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Numéro de pièce similaire - TPS2546

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546RTER TI-TPS2546RTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546RTET TI-TPS2546RTET Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Description similaire - TPS2546

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com