Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3897PDRYR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3897PDRYR
Description  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897PDRYR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS3897PDRYR Datasheet HTML 2Page - Texas Instruments TPS3897PDRYR Datasheet HTML 3Page - Texas Instruments TPS3897PDRYR Datasheet HTML 4Page - Texas Instruments TPS3897PDRYR Datasheet HTML 5Page - Texas Instruments TPS3897PDRYR Datasheet HTML 6Page - Texas Instruments TPS3897PDRYR Datasheet HTML 7Page - Texas Instruments TPS3897PDRYR Datasheet HTML 8Page - Texas Instruments TPS3897PDRYR Datasheet HTML 9Page - Texas Instruments TPS3897PDRYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS389
SBVS172B – JULY 2011 – REVISED APRIL 2015
www.ti.com
7.5 Electrical Characteristics
Over the operating temperature range of TJ = –40°C to 125°C, and 1.7 V < VCC< 6.5 V, unless otherwise noted. Typical
values are at TJ = 25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = –40°C to 125°C
1.7
6.5
VCC
Supply voltage range
V
TJ = 0°C to 85°C
1.65
6.5
V(POR)
Power-on reset voltage(1)
VOL (max) = 0.2 V , I(SENSE_OUT) = 15 µA
0.8
V
VCC = 3.3 V , no load
6
12
ICC
Supply current (into VCC pin)
µA
VCC = 6.5 V , no load
7
12
VIT+
Positive-going input threshold voltage
V(SENSE) rising
0.495
0.5
0.505
V
Vhys
Hysteresis voltage
V(SENSE) falling
5
mV
I(SENSE)
Input current(2)
V(SENSE) = 0 V or VCC
–15
15
nA
I(CT)
CT pin charge current
260
310
360
nA
V(CT)
CT pin comparator threshold voltage
1.18
1.238
1.299
V
R(CT)
CT pin pulldown resistance
200
Ω
VIL
Low-level input voltage (ENABLE pin)
0.4
V
VIH
High-level input voltage (ENABLE pin)
1.4
V
UVLO
Undervoltage lockout(3)
VCC falling
1.3
1.7
V
Ilkg
Leakage current
ENABLE = VCC or GND
–100
100
nA
VCC ≥ 1.2 V, ISINK = 90 µA (TPS3895/7 only)
0.3
VOL
Low-level output voltage
VCC ≥ 2.25 V, ISINK = 0.5 mA
0.3
V
VCC ≥ 4.5 V, ISINK = 1 mA
0.4
VCC ≥ 2.25 V, ISOURCE = 0.5 mA
0.8VCC
VOH
High-level output voltage (push-pull)
V
VCC ≥ 4.5 V, ISOURCE = 1 mA
0.8VCC
Ilkg(OD)
Open-drain output leakage current
V(SENSE_OUT) high impedance = 18 V
300
nA
(1)
The lowest supply voltage (VCC) at which output is active (SENSE_OUT is low, SENSE_OUT is high); tr(VCC) > 15 µs/V. Below V(POR),
the output cannot be determined.
(2)
Specified by design.
(3)
When VCC falls below the UVLO threshold, the output deasserts (SENSE_OUT goes low, SENSE_OUT goes high). Below V(POR), the
output cannot be determined.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS389


Numéro de pièce similaire - TPS3897PDRYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3897PDRYR TI1-TPS3897PDRYR Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results

Description similaire - TPS3897PDRYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com