Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3896ADRYR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3896ADRYR
Description  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3896ADRYR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3896ADRYR Datasheet HTML 1Page - Texas Instruments TPS3896ADRYR Datasheet HTML 2Page - Texas Instruments TPS3896ADRYR Datasheet HTML 3Page - Texas Instruments TPS3896ADRYR Datasheet HTML 4Page - Texas Instruments TPS3896ADRYR Datasheet HTML 5Page - Texas Instruments TPS3896ADRYR Datasheet HTML 6Page - Texas Instruments TPS3896ADRYR Datasheet HTML 7Page - Texas Instruments TPS3896ADRYR Datasheet HTML 8Page - Texas Instruments TPS3896ADRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
493
495
497
499
501
503
505
507
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VCC = 1.7 V,VIT+
VCC = 3.3 V,VIT+
VCC = 6.5 V,VIT+
VCC = 1.7 V,VIT+ − VHYS
VCC = 3.3 V,VIT+ − VHYS
VCC = 6.5 V,VIT+ − VHYS
G004
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS389
SBVS172B – JULY 2011 – REVISED APRIL 2015
TPS389x Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
1 Features
3 Description
The TPS3895, TPS3896, TPS3897, and TPS3898
1
Very Small USON (1.45 mm × 1.00 mm) Package
devices (TPS389x) are a family of very small
Adjustable Threshold Down to 500 mV
supervisory circuits that monitor voltages greater than
Threshold Accuracy: 1% Over Temperature
500 mV with a 0.25% (typical) threshold accuracy
and offer adjustable delay time using external
Capacitor-Adjustable Delay Time
capacitors. The TPS389x family also has a logic
Low Quiescent Current: 6 µA (Typical)
enable pin (ENABLE or ENABLE) to power on and off
External Enable Input
the output. With the TPS3895, for example, when the
input voltage pin (SENSE) rises above the threshold,
Open-Drain (Rated at 18 V) and Push-Pull Output
and the ENABLE pin is high, then the output pin
Options
(SENSE_OUT)
goes
high
after
the
capacitor-
Temperature Range: –40°C to 125°C
adjustable delay time. When SENSE falls below the
Pin-for-Pin Compatible With MAX6895/6/7/8
threshold or ENABLE is low, then SENSE_OUT goes
low. For truth tables, see Table 1 and Table 2.
2 Applications
For TPS389xA versions, both SENSE and ENABLE
DSPs, Microcontrollers, and Microprocessors
have a capacitor-adjustable delay. The output asserts
after
this
capacitor-adjustable
delay
when
both
Notebook and Desktop Computers
SENSE
and
ENABLE
inputs
are
good.
The
PDAs and Handheld Products
TPS389xP devices have a small, 0.2-µs propagation
Portable and Battery-Powered Products
delay from when the enable pin asserts to when the
FPGAs and ASICs
output pin asserts, provided SENSE is above the
threshold.
All devices operate from 1.7 V to 6.5 V and have a
typical quiescent current of 6 µA with an open-drain
output rated at 18 V. The TPS389x is available in an
ultra-small USON package and is fully specified over
the temperature range of TJ = –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS389x
USON (6)
1.45 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Sense Threshold Voltage vs Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS3896ADRYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3896ADRYR TI1-TPS3896ADRYR Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results

Description similaire - TPS3896ADRYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com