Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSUSB11 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FSUSB11
Description  Low Power High Bandwidth USB Switch Dual SPDT Multiplexer/Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FSUSB11 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500885
www.fairchildsemi.com
April 2004
Revised July 2004
FSUSB11
Low Power High Bandwidth USB Switch
Dual SPDT Multiplexer/Demultiplexer
General Description
The FSUSB11 is a high performance Dual Single Pole
Double Throw (SPDT) analog switch specially designed for
the switching of both analog audio signal and USB 1.1 sig-
nals. The device features ultra low RON of 1.3Ω maximum
at 4.5V VCC and 4.3Ω at 2.7V supply. High bandwidth and
ultra low ON Resistance (RON) make this switch to be able
to pass both USB low and full speed signal with minimum
signal distortion. The device is fabricated with sub-micron
CMOS technology to achieve fast switching speeds and is
designed for break-before-make operation. The select
input is TTL level compatible.
Features
s Space saving MicroPak
 packaging (1.6mm x 2.1mm)
s USB 1.1 signal switching compliant
s
−3db bandwidth: >350MHz
s Maximum 1.15
Ω ON Resistance at 4.5V V
CC
and 4
Ω for 2.7V supply
s 0.3
Ω maximum R
ON flatness for +5V supply
s Broad VCC operating range: 1.65V to 5.5V
s Fast turn-on and turn-off time
s Break-before-make enable circuitry
s Over-voltage tolerant TTL compatible control input
Ordering Code:
Analog Symbols
(Top Through View)
Truth Table
H
= HIGH Logic Level
L
= LOW Logic Level
Pin Descriptions
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.
Product
Package Description
Supplied As
Order
Package
Code
Number
Number
Top Mark
FSUSB11L10X
MAC010A
ET
10-Lead MicroPak, 1.6 mm x 2.1mm
5K Units on Tape and Reel
Control Input(s)
Function
LD1 Connected to D+/D−
HD2 Connected to D+/D−
Pin Names
Function
D, D1, D2
Data Ports
S
Control Input


Numéro de pièce similaire - FSUSB11

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11 Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11L10X FAIRCHILD-FSUSB11L10X Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
ON Semiconductor
FSUSB11L10X ONSEMI-FSUSB11L10X Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11L10X FAIRCHILD-FSUSB11L10X_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
More results

Description similaire - FSUSB11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
   Low voltage high bandwidth dual SPDT switch
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
   Low voltage high bandwidth dual SPDT switch
May 2009 Rev 1
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com