Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB5929 Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce SMB5929
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB5929 Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB5929 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB5929 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMB5929 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
ELECTRICAL CHARACTERISTICS Rating at TL = 30 °C unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
3.3
113.6
10
500
1.0
100
1.0
454
3.6
104.2
9.0
500
1.0
75
1.0
416
3.9
96.1
7.5
500
1.0
25
1.0
384
4.3
87.2
6.0
500
1.0
5.0
1.0
348
4.7
79.8
5.0
500
1.0
5.0
1.5
319
5.1
73.5
4.0
350
1.0
5.0
2.0
294
5.6
66.9
2.0
250
1.0
5.0
3.0
267
6.2
60.5
2.0
200
1.0
5.0
4.0
241
6.8
55.1
2.5
200
1.0
5.0
5.2
220
7.5
50.0
3.0
400
0.5
5.0
6.0
200
8.2
45.7
3.5
400
0.5
5.0
6.5
182
9.1
41.2
4.0
500
0.5
5.0
7.0
164
10
37.5
4.5
500
0.25
5.0
8.0
150
11
34.1
5.5
550
0.25
1.0
8.4
136
12
31.2
6.5
550
0.25
1.0
9.1
125
13
28.8
7.0
550
0.25
1.0
9.9
115
15
25.0
9.0
600
0.25
1.0
11.4
100
16
23.4
10
600
0.25
1.0
12.2
93
18
20.8
12
650
0.25
1.0
13.7
83
20
18.7
14
650
0.25
1.0
15.2
75
22
17.0
17.5
650
0.25
1.0
16.7
68
24
15.6
19
700
0.25
1.0
18.2
62
27
13.9
23
700
0.25
1.0
20.6
55
30
12.5
26
750
0.25
1.0
22.8
50
33
11.4
33
800
0.25
1.0
25.1
45
36
10.4
38
850
0.25
1.0
27.4
41
39
9.6
45
900
0.25
1.0
29.7
38
43
8.7
53
950
0.25
1.0
32.7
34
47
8.0
67
1000
0.25
1.0
35.8
31
51
7.3
70
1100
0.25
1.0
38.8
29
56
6.7
86
1300
0.25
1.0
42.6
26
62
6.0
100
1500
0.25
1.0
47.1
24
68
5.5
120
1700
0.25
1.0
51.7
22
75
5.0
140
2000
0.25
1.0
56.0
20
82
4.6
160
2500
0.25
1.0
62.2
18
91
4.1
200
3000
0.25
1.0
69.2
16
100
3.7
250
3100
0.25
1.0
76.0
15
110
3.4
300
4000
0.25
1.0
83.6
13
120
3.1
380
4500
0.25
1.0
91.2
12
130
2.9
450
5000
0.25
1.0
98.8
11
150
2.5
600
6000
0.25
1.0
114.0
10
160
2.3
700
6500
0.25
1.0
121.6
9.0
180
2.1
900
7000
0.25
1.0
136.8
8.0
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Note :
( 1 ) Suffix " B " indicates
± 5% tolerance, suffix " A " indicates ± 10% tolerance.
TYPE
www.sunmate.tw
SMB5913
SMB5914
SMB5915
SMB5916
SMB5917
SMB5918
SMB5919
SMB5920
SMB5921
SMB5922
SMB5923
SMB5924
SMB5925
SMB5926
SMB5927
SMB5928
SMB5929
SMB5930
SMB5931
SMB5932
SMB5933
SMB5934
SMB5935
SMB5936
SMB5937
SMB5938
SMB5939
SMB5940
SMB5941
SMB5942
SMB5943
SMB5944
SMB5945
SMB5946
SMB5947
SMB5948
SMB5949
SMB5950
SMB5951
SMB5952
SMB5953
SMB5954
SMB5955
SMB5956


Numéro de pièce similaire - SMB5929

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMB5929B SECOS-SMB5929B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5929B PACELEADER-SMB5929B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5929B SECOS-SMB5929B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5929B WEITRON-SMB5929B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
Dc Components
SMB5929B DCCOM-SMB5929B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
More results

Description similaire - SMB5929

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com