Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2068DR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2068DR
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2068DR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2068DR Datasheet HTML 1Page - Texas Instruments TPS2068DR Datasheet HTML 2Page - Texas Instruments TPS2068DR Datasheet HTML 3Page - Texas Instruments TPS2068DR Datasheet HTML 4Page - Texas Instruments TPS2068DR Datasheet HTML 5Page - Texas Instruments TPS2068DR Datasheet HTML 6Page - Texas Instruments TPS2068DR Datasheet HTML 7Page - Texas Instruments TPS2068DR Datasheet HTML 8Page - Texas Instruments TPS2068DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS2060, TPS2064
TPS2068, TPS2069
SLVS553K
– MARCH 2005 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
0
°C ≤ TJ ≤ 105°C for the TPS2060/64 and TPS2068 (D package), plus –40°C ≤ TJ ≤ 105° for the
TPS2068/69 (DGN package), VI(IN) = 5.5 V, IO = 1 A, VI(/ENx) = 0 V, or VI(ENx) = 5.5 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
OVERCURRENT OCx
VOL(/OCx)
Output low voltage
IO(/OCx) = 5 mA
0.4
V
Off-state current
VO(/OCx) = 5 V or 3.3 V
1
μA
OC deglitch
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(3)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(3)
The thermal shutdown only reacts under overcurrent conditions.
DEVICE INFORMATION
Pin Functions
PINS
I/O
DESCRIPTION
DGN and DRB PACKAGES
NAME
TPS2060
TPS2064
EN1
3
I
Enable input, logic low turns on power switch IN-OUT1
EN2
4
I
Enable input, logic low turns on power switch IN-OUT2
EN1
3
I
Enable input, logic high turns on power switch IN-OUT1
EN2
4
I
Enable input, logic high turns on power switch IN-OUT2
GND
1
1
Ground
IN
2
2
I
Input voltage
OC1
8
8
O
Overcurrent, open-drain output, active low, IN-OUT1
OC2
5
5
O
Overcurrent, open-drain output, active low, IN-OUT2
OUT1
7
7
O
Power-switch output, IN-OUT1
OUT2
6
6
O
Power-switch output, IN-OUT2
PowerPad
PowerPad
Connect to GND
4
Copyright
© 2005–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TPS2068DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2068DGN TI-TPS2068DGN Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNG4 TI-TPS2068DGNG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNR TI-TPS2068DGNR Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2068DGNRG4 TI-TPS2068DGNRG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2068DR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com