Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2111APWG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2111APWG4
Description  AUTOSWITCHING POWER MUX
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2111APWG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2111APWG4 Datasheet HTML 1Page - Texas Instruments TPS2111APWG4 Datasheet HTML 2Page - Texas Instruments TPS2111APWG4 Datasheet HTML 3Page - Texas Instruments TPS2111APWG4 Datasheet HTML 4Page - Texas Instruments TPS2111APWG4 Datasheet HTML 5Page - Texas Instruments TPS2111APWG4 Datasheet HTML 6Page - Texas Instruments TPS2111APWG4 Datasheet HTML 7Page - Texas Instruments TPS2111APWG4 Datasheet HTML 8Page - Texas Instruments TPS2111APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS2110A
TPS2111A
www.ti.com
SBVS043A – MARCH 2004 – REVISED MARCH 2010
RECOMMENDED OPERATING CONDITIONS
TPS2110A, TPS2111A
MIN
NOM
MAX
UNIT
VI(IN2) ≥ 2.8 V
1.5
5.5
Input voltage at IN1, VI(IN1)
V
VI(IN2) < 2.8 V
2.8
5.5
VI(IN1) ≥ 2.8 V
1.5
5.5
Input voltage at IN2, VI(IN2)
V
VI(IN1) < 2.8 V
2.8
5.5
Input voltage: VI(DO), VI(D1), VI(VSNS)
0
5.5
V
TPS2110A
0.31
0.75
Current limit adjustment range, IO(OUT)
A
TPS2111A
0.63
1.25
Operating virtual junction temperature, TJ
–40
125
°C
ELECTRICAL CHARACTERISTICS: Power Switch
Over recommended operating junction temperature, VI(IN1) = VI(IN2) = 5.5 V, and RILIM = 400 Ω, unless otherwise noted.
TPS2110A
TPS2111A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(IN1) = VI(IN2) = 5.0 V
120
140
84
110
TJ = 25°C,
VI(IN1) = VI(IN2) = 3.3 V
120
140
84
110
m
Ω
IL = 500 mA
Drain-source
VI(IN1) = VI(IN2) = 2.8 V
120
140
84
110
on-state
rDS(on)
(1)
resistance
VI(IN1) = VI(IN2) = 5.0 V
220
150
(INx
−OUT)
TJ = 125°C,
VI(IN1) = VI(IN2) = 3.3 V
220
150
m
Ω
IL = 500 mA
VI(IN1) = VI(IN2) = 2.8 V
220
150
(1)
The TPS211xA can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this
specific case, the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances.
ELECTRICAL CHARACTERISTICS
Over recommended operating junction temperature, VI(IN1) = VI(IN2) = 5.5 V, IO(OUT) = 0 A, and RILIM = 400 Ω, unless otherwise
noted.
TPS2110A, TPS2111A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (D0 AND D1)
High-level input voltage
VIH
2
V
Low-level input voltage
VIL
0.7
V
D0 or D1 = High, sink current
1
Input current at D0 or D1
mA
D0 or D1 = Low, source current
0.5
1.4
5
SUPPLY AND LEAKAGE CURRENTS
D1 = High, D0 = Low (IN1 active),
55
90
VI(IN2) = 3.3 V
D1 = High, D0 = Low (IN1 active),
1
12
Supply current from IN1 (operating)
mA
VI(IN1) = 3.3 V
D0 = D1 = Low (IN2 active), VI(IN2) = 3.3 V
75
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V
1
D1 = High, D0 = Low (IN1 active),
1
VI(IN2) = 3.3 V
D1 = High, D0 = Low (IN1 active),
75
Supply current from IN2 (operating)
mA
VI(IN1) = 3.3 V
D0 = D1 = Low (IN2 active), VI(IN2) = 3.3 V
1
12
D0 = D1 = Low (IN2 active), VI(IN1) = 3.3 V
55
90
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2110A TPS2111A


Numéro de pièce similaire - TPS2111APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2111APWG4 TI-TPS2111APWG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
More results

Description similaire - TPS2111APWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com