Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2103 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS2103 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 20 page TPS2102, TPS2103 VAUX POWER-DISTRIBUTION SWITCHES SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Selection Guide, VAUX Power-Distribution Switches DEVICE ENABLE OPERATING VOLTAGE RANGE (V) MAXIMUM INPUT CURRENT, IN1 (mA) MAXIMUM INPUT CURRENT, IN2 (mA) AMBIENT TEMPERATURE RANGE ( °C) TPS2100 EN 2.7 to 4 500 10 – 40 to 70 TPS2101 EN 2.7 to 4 500 10 – 40 to 70 TPS2102 EN 2.7 to 4 500 100 – 40 to 70 TPS2103 EN 2.7 to 4 500 100 – 40 to 70 TPS2104 EN 2.7 to 5.5 500 100 – 40 to 85 TPS2105 EN 2.7 to 5.5 500 100 – 40 to 85 AVAILABLE OPTIONS FOR TPS2102, TPS2103 PACKAGED DEVICES TA DEVICE ENABLE SOT-23-5 (DBV)† SOIC-8 (D) 40 °C to 70°C TPS2102 EN TSP2102DBV† TPS2102D – 40 °C to 70°C TPS2103 EN TPS2103DBV† TPS2103D Both packages are available left-end taped and reeled. Add an R suffix to the D device type (e.g., TPS2103DR). † Add T (e.g., TPS2102DBVT) to indicate tape and reel at order quantity of 250 parts. Add R (e.g., TPS2102DBVR) to indicate tape and reel at order quantity of 3000 parts. Function Tables TPS2102 TPS2103 VIN1 VIN2 EN OUT VIN1 VIN2 EN OUT 0 V 0 V XX GND 0 V 0 V XX GND 0 V 3.3 V L GND 0 V 3.3 V H GND 3.3 V 0 V L VIN1 3.3 V 0 V H VIN1 3.3 V 3.3 V L VIN1 3.3 V 3.3 V H VIN1 0 V 3.3 V H VIN2 0 V 3.3 V L VIN2 3.3 V 0 V H VIN2 3.3 V 0 V L VIN2 3.3 V 3.3 V H VIN2 3.3 V 3.3 V L VIN2 XX = don’t care |
Numéro de pièce similaire - TPS2103 |
|
Description similaire - TPS2103 |