Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2062QDGNRQ1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2062QDGNRQ1
Description  TPS206x-Q1 Current-Limited Power-Distribution Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062QDGNRQ1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2062QDGNRQ1 Datasheet HTML 7Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 8Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 9Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 10Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 11Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 12Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 13Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 14Page - Texas Instruments TPS2062QDGNRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VO(OC)
2 V/div
IO(OUT)
1 A/div
t − Time − 2 ms/div
VO(OC)
2 V/div
IO(OUT)
1 A/div
t − Time − 2 ms/div
VI(EN)
5 V/div
IO(OUT)
500 mA/div
t − Time − 500 ms/div
VI(EN)
5 V/div
IO(OUT)
500 mA/div
470 mF
100 mF
220 mF
VIN = 5 V
RL = 5 W,
TA = 255C
t − Time − 1 ms/div
11
TPS2062-Q1, TPS2065-Q1
www.ti.com
SLVSA01C – MAY 2011 – REVISED JUNE 2016
Product Folder Links: TPS2062-Q1 TPS2065-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 19. Short-Circuit Current,
Device Enabled Into Short
Figure 20. Inrush Current With Different
Load Capacitance
Figure 21. 2-
Ω Load Connected to Enabled Device
Figure 22. 1-
Ω Load Connected to Enabled Device


Numéro de pièce similaire - TPS2062QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2062QDGNRQ1 TI1-TPS2062QDGNRQ1 Datasheet
906Kb / 26P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2062QDGNRQ1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com