Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2024IDRG4Q1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2024IDRG4Q1
Description  POWER-DISTRIBUTION SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2024IDRG4Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2024IDRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS2024IDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS2020-Q1, TPS2021-Q1
TPS2022-Q1, TPS2024-Q1
www.ti.com
SGLS260G – SEPTEMBER 2004 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, EN = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TJ
(2)
MIN
TYP
MAX
UNIT
Power Switch
25°C
33
43.5
VI(IN) = 5 V, IO = 1.8 A
85°C
38
57.5
125°C
44
62.5
25°C
37
48.5
VI(IN) = 3.3 V, IO = 1.8 A
85°C
43
68.5
125°C
51
87
25°C
30
43.5
VI(IN) = 5 V, IO = 1 A
125°C
43
62.5
25°C
31
48.5
VI(IN) = 3.3 V, IO = 1 A
125°C
48
87
Static drain-source on-state
rDS(on)
m
resistance
25°C
30
34
VI(IN) = 5 V, IO = 0.18 A
85°C
35
41
125°C
39
47
25°C
33
37
VI(IN) = 3.3 V, IO = 0.18 A
85°C
39
46
125°C
44
56
25°C
33
36
VI(IN) = 5 V, IO = 0.6 A
TPS2021
125°C
44
48
25°C
37
40
VI(IN) = 3.3 V, IO = 0.6 A
TPS2021
125°C
51
59
VI(IN) = 5.5 V, CL = 1 mF, RL = 10 Ω
6.1
tr
Rise time, output
25°C
ms
VI(IN) = 2.7 V, CL = 1 mF, RL = 10 Ω
8.6
VI(IN) = 5.5 V, CL = 1 mF, RL = 10 Ω
3.4
tf
Fall time, output
25°C
ms
VI(IN) = 2.7 V, CL = 1 mF, RL = 10 Ω
3
Enable Input (EN)
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
Full range
2
V
4.5 V
≤ VI(IN) ≤ 5.5 V
Full range
0.8
VIL
Low-level input voltage
V
2.7 V
≤ VI(IN) ≤ 4.5 V
Full range
0.5
II
Input current
EN = 0 V or EN = VI(IN)
Full range
–0.5
0.5
mA
ton
Turnon time
CL = 100 mF, RL= 10 Ω
Full range
20
ms
toff
Turnoff time
CL = 100 mF, RL= 10 Ω
Full range
40
Current Limit
TPS2020
0.22
0.3
0.4
VI = 5.5 V,
TPS2021
0.66
0.9
1.1
IOS
Short-circuit output current
OUT connected to GND,
25°C
A
TPS2022
1.1
1.5
1.8
Device enabled into short circuit
TPS2024
2
3
4.2
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Full range TJ = -40°C to 125°C
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2020-Q1 TPS2021-Q1 TPS2022-Q1 TPS2024-Q1


Numéro de pièce similaire - TPS2024IDRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2024IDRQ1 TI-TPS2024IDRQ1 Datasheet
449Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2024IDRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com