Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2044 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2044
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2044 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2044 Datasheet HTML 2Page - Texas Instruments TPS2044 Datasheet HTML 3Page - Texas Instruments TPS2044 Datasheet HTML 4Page - Texas Instruments TPS2044 Datasheet HTML 5Page - Texas Instruments TPS2044 Datasheet HTML 6Page - Texas Instruments TPS2044 Datasheet HTML 7Page - Texas Instruments TPS2044 Datasheet HTML 8Page - Texas Instruments TPS2044 Datasheet HTML 9Page - Texas Instruments TPS2044 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS2044, TPS2054
QUAD POWER-DISTRIBUTION SWITCHES
SLVS174B – JULY 1998 – REVISED FEBRUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(INx) = 5 V,
IO = 0.5 A
TJ = 25°C,
80
95
80
95
Static drain-source on-state
resistance, 5-V operation
VI(INx) = 5 V,
IO = 0.5 A
TJ = 85°C,
90
120
90
120
rDS( )
VI(INx) = 5 V,
IO = 0.5 A
TJ = 125°C,
100
135
100
135
m
rDS(on)
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 25°C,
85
105
85
105
Static drain-source on-state
resistance, 3.3-V operation
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 85°C,
100
135
100
135
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 125°C,
115
150
115
150
t
Rise time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
tr
Rise time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3
3
ms
tf
Fall time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
4.4
4.4
ms
tf
Fall time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ENx or ENx
PARAMETER
TEST CONDITIONS
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(INx) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(INx) ≤ 5.5 V
0.8
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(INx) ≤ 4.5 V
0.4
0.4
II
Input current
TPS2044
VI(ENx) = 0 V or VI(ENx) = VI(IN)
–0.5
0.5
µA
II
Input current
TPS2054
VI(ENx) = VI(INx) or VI(ENx) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL=10 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL=10 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(INx) = 5 V, OUT connected to GND,
Device enable into short circuit
0.7
0.9
1.1
0.7
0.9
1.1
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Numéro de pièce similaire - TPS2044

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2044A TI1-TPS2044A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2044AD TI-TPS2044AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2044AD TI1-TPS2044AD Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2044

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com