Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPPM0115DG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPPM0115DG4
Description  SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0115DG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPPM0115DG4 Datasheet HTML 5Page - Texas Instruments TPPM0115DG4 Datasheet HTML 6Page - Texas Instruments TPPM0115DG4 Datasheet HTML 7Page - Texas Instruments TPPM0115DG4 Datasheet HTML 8Page - Texas Instruments TPPM0115DG4 Datasheet HTML 9Page - Texas Instruments TPPM0115DG4 Datasheet HTML 10Page - Texas Instruments TPPM0115DG4 Datasheet HTML 11Page - Texas Instruments TPPM0115DG4 Datasheet HTML 12Page - Texas Instruments TPPM0115DG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TPPM0115
SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
SLVS371A− MARCH 2001 − REVISED JUNE 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
PWRGD
NC
PHASE
DRVH
DRVL
GND
SEN
12V Supply
4700 pF
PHD55N03LT
PHD55N03LT
TPPM0115
680pF
1
2
3
45
6
7
8
V 2P5 MEM
FQD13N06L
+
LMV321
1
µF
VCC
1.7
µH
4
µH
2.2
20 k
250
1%
1 k
1%
50
1%
50
1%
VCC
1
µF
0.1
µF
V1P25MEM VTT
P-Channel
0.1
µF
4.7
µF
220
µF
Low ESR
220
µF
Low ESR
1
2
3
4
5
0.1
µF
4.7
µF
4.7
µF
1000
µF
1000
µF
0.1
µF
4.7
µF
1500
µF
Low ESR
1500
µF
Low ESR
VCC
NOTES: A. The heavy lines must be kept short and connected to the ground plane construction for efficient results.
B. The performance of the regulator depends on the proper selection of the external components for the application.
Figure 9. Application Schematic for DDR Memory VDDQ and VTT Supplies


Numéro de pièce similaire - TPPM0115DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPPM0115DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0115 TI-TPPM0115 Datasheet
236Kb / 13P
[Old version datasheet]   SWITCH MODE SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com