Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL7407LDR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL7407LDR
Description  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LDR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPL7407LDR Datasheet HTML 7Page - Texas Instruments TPL7407LDR Datasheet HTML 8Page - Texas Instruments TPL7407LDR Datasheet HTML 9Page - Texas Instruments TPL7407LDR Datasheet HTML 10Page - Texas Instruments TPL7407LDR Datasheet HTML 11Page - Texas Instruments TPL7407LDR Datasheet HTML 12Page - Texas Instruments TPL7407LDR Datasheet HTML 13Page - Texas Instruments TPL7407LDR Datasheet HTML 14Page - Texas Instruments TPL7407LDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPL7407L
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
Phase_C
Phase_B
Phase_D
Motor
Phase_A
VSUP
Optional
CCOM
Motor Control Pulses
(1.8 V to 5 V)
11
TPL7407L
www.ti.com
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.2 Unipolar Stepper Motor Driver
Figure 11. Stepper Motor Driver Schematic
8.2.2.1 Design Requirements
Figure 11 shows an implementation of TPL7407L for driving a uniploar stepper motor. The unconnected input
channels can be used for other functions. When an input pin is left open the internal 1 M
Ω pull down resistor
pulls the respective input pin to GND potential. For higher noise immunity use an external short across an
unconnected input and GND pins. The COM pin must be tied to the supply of whichever inductive load is being
driven for the driver to be protected by the free-wheeling diode.
Whenever a Zener diode is used between Vcom and the motor supply, the Vcom pin will slew from the coil
supply to a voltage that is the sum of the Zener voltage and the coil supply when there is a flyback event.
Depending on the coil inductance and resistance, this can be very rapid. Whenever the COM pin experiences a
slew rate greater than 0.5 V/µs, a capacitor must be added to limit the slew to < 0.5 V/µs. See Power Supply
Recommendations for further explanation.
8.2.2.2 Detailed Design Procedure
Refer to Design Requirements.
8.2.2.3 Application Curves
Refer to Thermal Characteristics.


Numéro de pièce similaire - TPL7407LDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Description similaire - TPL7407LDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com