Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL5010DDCR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL5010DDCR
Description  TPL5010 Nano-power System Timer with Watchdog Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010DDCR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPL5010DDCR Datasheet HTML 5Page - Texas Instruments TPL5010DDCR Datasheet HTML 6Page - Texas Instruments TPL5010DDCR Datasheet HTML 7Page - Texas Instruments TPL5010DDCR Datasheet HTML 8Page - Texas Instruments TPL5010DDCR Datasheet HTML 9Page - Texas Instruments TPL5010DDCR Datasheet HTML 10Page - Texas Instruments TPL5010DDCR Datasheet HTML 11Page - Texas Instruments TPL5010DDCR Datasheet HTML 12Page - Texas Instruments TPL5010DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
WAKE
DONE
RSTn
DELAY/
M_RST
POR
RESISTANCE
READING
ttIPt
ttR_EXT + tRSTn + tIPt
9
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
Product Folder Links: TPL5010
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 RSTn
To implement the reset interface between the TPL5010 and the uC a pull-up resistance is required. 100K
Ω is
recommended, to minimize current.
During the POR and the reading of the REXT the RSTn signal is LOW.
RSTn is asserted (LOW) for either one of the following conditions:
1. If the DELAY/M_RST pin is high for at least two consecutive cycles of the internal oscillator (approximately
20ms).
2. At the beginning of a new time interval if DONE is not received at least 20 ms before the next WAKE rising
edge (see Figure 8).
8.4 Device Functional Modes
8.4.1 Startup
During startup, after POR, the TPL5010 executes a one-time measurement of the resistance attached to the
DELAY/M_RST pin in order to determine the desired time interval for WAKE. This measurement interval is
tR_EXT. During this measurement a constant current is temporarily flowing into REXT.
Figure 9. Startup
8.4.2 Normal Operating Mode
During normal operating mode, the TPL5010 asserts periodic WAKE pulses in response to valid DONE pulses
from the uC. If either a manual reset is applied (logic HIGH on DELAY/M_RST pin) or the uC does not issue a
DONE pulse within the required time, the TPL5010 asserts the RSTn signal to the uC and restarts its internal
counters. See Figure 8 and Figure 10 .
8.5 Programming
8.5.1 Configuring the WAKE Interval with the DELAY/M_RST Pin
The time interval between 2 adjacent WAKE pulses (rising edges) is selectable through an external resistance
(REXT) between the DELAY/M_RST pin and ground. The value of the resistance REXT is converted one time after
POR. The allowable range of REXT is 500Ω to 170kΩ. At least a 1% precision resistance is recommended. See
section Timer Interval Selection Using External Resistance on how to set the WAKE pulse interval using REXT.
The time between 2 adjacent RESET signals (falling edges) or between a RESET (falling edge) and a WAKE
(rising edge) is given by the sum of the programmed time interval and the tRSTn (reset pulse width).


Numéro de pièce similaire - TPL5010DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
935Kb / 25P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCRQ1 TI1-TPL5010QDDCRQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010QDDCTQ1 TI1-TPL5010QDDCTQ1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
More results

Description similaire - TPL5010DDCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com