Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL5110 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPL5110
Description  TPL5110 Nano-power System Timer for Power Gating
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPL5110_16 Datasheet HTML 4Page - Texas Instruments TPL5110_16 Datasheet HTML 5Page - Texas Instruments TPL5110_16 Datasheet HTML 6Page - Texas Instruments TPL5110_16 Datasheet HTML 7Page - Texas Instruments TPL5110_16 Datasheet HTML 8Page - Texas Instruments TPL5110_16 Datasheet HTML 9Page - Texas Instruments TPL5110_16 Datasheet HTML 10Page - Texas Instruments TPL5110_16 Datasheet HTML 11Page - Texas Instruments TPL5110_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LOW FREQUENCY
OSCILLATOR
FREQUENCY
DIVIDER
EN/
ONE_SHOT
DRV
VDD
GND
DELAY/
M_DRV
DECODER
&
MANUAL RESET
DETECTOR
LOGIC
CONTROL
DONE
8
TPL5110
SNAS650 – JANUARY 2015 – REVISED JANUARY 2015
www.ti.com
Product Folder Links: TPL5110
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPL5110 is a timer with power gating feature. It is ideal for use in power-cycled applications and provides
selectable timing from 100ms to 7200s.
Once configured in timer mode (EN/ONE_SHOT= HIGH) the TPL5110 periodically sends out a DRV signal to a
MOSFET to turn on the µC. If the µC replies with a DONE signal within the programmed time interval (tDRV) the
TPL5110 turns off the µC, otherwise the TPL5110 keeps the µC in the on state for a time equal to tDRV.
The TPL5110 can work also in a one shot mode (EN/ONE_SHOT= LOW). In this mode the DRV signal is sent
out just one time at the power on of the TPL5110 to turn on the µC. If the µC replies with a DONE signal within
the programmed time interval (tDRV) the TPL5110 turns off the µC, otherwise the TPL5110 keeps the µC in the
on state for a time equal to tDRV.
8.2 Functional Block Diagram
8.3 Feature Description
The TPL5110 implements a periodical power gating feature or one shot power gating according to the
EN/ONE_SHOT voltage. A manual MOSFET Power ON function is realized by momentarily pulling the
DELAY/M_DRV pin to VDD.
8.3.1 DRV
The gate of the MOSFET is connected to the DRV pin. When DRV= LOW, the MOSFET is turned ON. The pulse
generated at DRV is equal to the selected time interval period, minus 50ms. It is shorter in the case of a DONE
signal received from the µC. If the DONE signal is not received within the programmed time interval (minus
50ms), the DRV signal will be high for the last 50ms of the time interval in order to turn off the MOSFET before
the next cycle starts.
The default value (after resistance reading) is HIGH. The signal is sent out from the TPL5110 when the
programmed time interval starts. When the DRV is LOW, the manual power ON signal is ignored.
8.3.2 DONE
The DONE pin is driven by a µC to signal that the µC is working properly. The TPL5110 recognizes a valid
DONE signal as a low to high transition; if two or more DONE signals are received within the time interval, only
the first DONE signal is processed. The minimum DONE signal pulse length is 100ns. When the TPL5110
receives the DONE signal it asserts DRV logic HIGH.


Numéro de pièce similaire - TPL5110_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCRQ1 TI1-TPL5110QDDCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5110QDDCTQ1 TI1-TPL5110QDDCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
More results

Description similaire - TPL5110_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com