Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC5401 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPIC5401
Description  H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5401 Fiches technique(HTML) 3 Page - Texas Instruments

  TPIC5401 Datasheet HTML 1Page - Texas Instruments TPIC5401 Datasheet HTML 2Page - Texas Instruments TPIC5401 Datasheet HTML 3Page - Texas Instruments TPIC5401 Datasheet HTML 4Page - Texas Instruments TPIC5401 Datasheet HTML 5Page - Texas Instruments TPIC5401 Datasheet HTML 6Page - Texas Instruments TPIC5401 Datasheet HTML 7Page - Texas Instruments TPIC5401 Datasheet HTML 8Page - Texas Instruments TPIC5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPIC5401
H-BRIDGE GATE-PROTECTED
POWER DMOS ARRAY
SLIS024A – DECEMBER 1993 – REVISED MARCH 1994
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 5
VDS = VGS,
1.5
1.85
2.2
V
V(BR)GS
Gate-to-source breakdown voltage
IGS = 250 µA
18
V
V(BR)SG
Source-to-gate breakdown voltage
ISG = 250 µA
9
V
V(BR)
Reverse drain-to-GND breakdown voltage
(across D1, D2)
Drain-to-GND current = 250
µA
100
V
VDS(on)
Drain-to-source on-state voltage
ID = 2 A,
See Notes 2 and 3
VGS = 10 V,
0.6
0.7
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 2 A,
VGS = 0 (Z1, Z2, Z3, Z4),
See Notes 2 and 3 and Figure 12
1
1.2
V
VF
Forward on-state voltage, GND-to-drain
ID = 2 A (D1, D2),
See Notes 2 and 3
7.5
V
IDSS
Zero gate voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
DS
,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward-gate current, drain short circuited to source
VGS = 15 V,
VDS = 0
20
200
nA
IGSSR
Reverse-gate current, drain short circuited to source
VSG = 5 V,
VDS = 0
10
100
nA
Ilk
Leakage current drain to GND
VDGND =48V
TC = 25°C
0.05
1
µA
Ilkg
Leakage current, drain-to-GND
VDGND = 48 V
TC = 125°C
0.5
10
µA
rDS( )
Static drain to source on state resistance
VGS = 10 V,
ID = 2 A,
TC = 25°C
0.3
0.35
rDS(on)
Static drain-to-source on-state resistance
D
,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.47
0.5
gfs
Forward transconductance
VDS = 15 V,
ID = 1 A,
See Notes 2 and 3 and Figure 9
1.6
1.9
S
Ciss
Short-circuit input capacitance, common source
220
275
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
VGS = 0,
120
150
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
f = 1 MHz,
See Figure 11
100
125
F
NOTES:
2. Technique should limit TJ – TC to 10°C maximum.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain and GND-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Z1 and Z3
120
trr
Reverse-recovery time
Z2 and Z4
280
ns
IS = 1 A,
VGS =0
VDS = 48 V,
di/dt = 100 A/
µs
D1 and D2
260
VGS = 0,
See Figures 1 and 14
di/dt = 100 A/
µs,
Z1 and Z3
0.12
QRR
Total diode charge
See Figures 1 and 14
Z2 and Z4
0.9
µC
D1 and D2
2.2


Numéro de pièce similaire - TPIC5401

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Description similaire - TPIC5401

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com